Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE160CA Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 1.5KE160CA
Description  Plastic package has UL flammability Classification 94V-0
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1.5KE160CA Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  1.5KE160CA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1.5KE160CA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1.5KE160CA Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 1.5KE160CA Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 13/10/2009 H
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1.5KE Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Breakdown Voltage
1)
Uni-directional /
Bi-directional
Type
Reverse
Stand-off
Voltage
VWM (V)
VBR (V)
Min. at IT
VBR (V)
Max. at IT
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC (V) at IPPM
Maximum
Peak Pulse
Current
2)
IPPM (A)
Maximum
Reverse
Leakage
3)
ID (μA) at VWM
1.5KE6.8 / C
5.5
6.12
7.48
10
10.8
139
1000
1.5KE6.8A / CA
5.8
6.45
7.14
10
10.5
143
1000
1.5KE7.5 / C
6.05
6.75
8.25
10
11.7
128
500
1.5KE7.5A / CA
6.4
7.13
7.88
10
11.3
133
500
1.5KE8.2 / C
6.63
7.38
9.02
10
12.5
120
200
1.5KE8.2A / CA
7.02
7.79
8.61
10
12.1
124
200
1.5KE9.1 / C
7.37
8.19
10
1
13.8
109
50
1.5KE9.1A / CA
7.78
8.65
9.55
1
13.4
112
50
1.5KE10 / C
8.1
9
11
1
15
100
10
1.5KE10A / CA
8.55
9.5
10.5
1
14.5
103
10
1.5KE11 / C
8.92
9.9
12.1
1
16.2
92.6
5
1.5KE11A / CA
9.4
10.5
11.6
1
15.6
96.2
5
1.5KE12 / C
9.72
10.8
13.2
1
17.3
86.7
5
1.5KE12A / CA
10.2
11.4
12.6
1
16.7
89.8
5
1.5KE13 / C
10.5
11.7
14.3
1
19
78.9
5
1.5KE13A / CA
11.1
12.4
13.7
1
18.2
82.4
5
1.5KE15 / C
12.1
13.5
16.5
1
22
68.2
5
1.5KE15A / CA
12.8
14.3
15.8
1
21.2
70.8
5
1.5KE16 / C
12.9
14.4
17.6
1
23.5
63.8
5
1.5KE16A / CA
13.6
15.2
16.8
1
22.5
66.7
5
1.5KE18 / C
14.5
16.2
19.8
1
26.5
56.6
5
1.5KE18A / CA
15.3
17.1
18.9
1
25.2
59.5
5
1.5KE20 / C
16.2
18
22
1
29.1
51.5
5
1.5KE20A / CA
17.1
19
21
1
27.7
54.2
5
1.5KE22 / C
17.8
19.8
24.2
1
31.9
47
5
1.5KE22A / CA
18.8
20.9
23.1
1
30.6
49
5
1.5KE24 / C
19.4
21.6
26.4
1
34.7
43.2
5
1.5KE24A / CA
20.5
22.8
25.2
1
33.2
45.2
5
1.5KE27 / C
21.8
24.3
29.7
1
39.1
38.4
5
1.5KE27A / CA
23.1
25.7
28.4
1
37.5
40
5
1.5KE30 / C
24.3
27
33
1
43.5
34.5
5
1.5KE30A / CA
25.6
28.5
31.5
1
41.4
36.2
5
1.5KE33 / C
26.8
29.7
36.3
1
47.7
31.4
5
1.5KE33A / CA
28.2
31.4
34.7
1
45.7
32.8
5
1.5KE36 / C
29.1
32.4
39.6
1
52
28.8
5
1.5KE36A / CA
30.8
34.2
37.8
1
49.9
30.1
5
1.5KE39 / C
31.6
35.1
42.9
1
56.4
26.6
5
1.5KE39A / CA
33.3
37.1
41
1
53.9
27.8
5
1.5KE43 / C
34.8
38.7
47.3
1
61.9
24.2
5
1.5KE43A / CA
36.8
40.9
45.2
1
59.3
25.3
5
1.5KE47 / C
38.1
42.3
51.7
1
67.8
22.1
5
1.5KE47A / CA
40.2
44.7
49.4
1
64.8
23.1
5
1.5KE51 / C
41.3
45.9
56.1
1
73.5
20.4
5
1.5KE51A / CA
43.6
48.5
53.6
1
70.1
21.4
5


Similar Part No. - 1.5KE160CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
1.5KE160CA SOCAY-1.5KE160CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
ON Semiconductor
1.5KE160CA ONSEMI-1.5KE160CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Jinan Jing Heng Electro...
1.5KE160CA JINGHENG-1.5KE160CA Datasheet
132Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
1.5KE160CA DBLECTRO-1.5KE160CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Micro Commercial Compon...
1.5KE160CA MCC-1.5KE160CA Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE160CA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF10H150CT KERSEMI-MBRF10H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H150CT KERSEMI-MBRF30H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR10H100CT KERSEMI-MBR10H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBL2A FS-GBL2A Datasheet
195Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com