Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1339U-33 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1339U-33
Description  Serial Real-Time Clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1339U-33 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1339U-33 Datasheet HTML 6Page - Dallas Semiconductor DS1339U-33 Datasheet HTML 7Page - Dallas Semiconductor DS1339U-33 Datasheet HTML 8Page - Dallas Semiconductor DS1339U-33 Datasheet HTML 9Page - Dallas Semiconductor DS1339U-33 Datasheet HTML 10Page - Dallas Semiconductor DS1339U-33 Datasheet HTML 11Page - Dallas Semiconductor DS1339U-33 Datasheet HTML 12Page - Dallas Semiconductor DS1339U-33 Datasheet HTML 13Page - Dallas Semiconductor DS1339U-33 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DS1339 I
2C Serial Real-Time Clock
10 of 18
ADDRESS MAP
Figure 6 shows the address map for the DS1339 registers. During a multibyte access, when the address pointer
reaches the end of the register space (10h), it wraps around to location 00h. On an I
2C START, STOP, or address
pointer incrementing to location 00h, the current time is transferred to a second set of registers. The time
information is read from these secondary registers, while the clock may continue to run. This eliminates the need
to re-read the registers in case of an update of the main registers during a read.
Figure 6. Timekeeper Registers
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00H
0
10 Seconds
Seconds
Seconds
00–59
01H
0
10 Minutes
Minutes
Minutes
00–59
AM/PM
02H
0
12/
24
10 Hour
10 Hour
Hour
Hours
1–12
+AM/PM
00–23
03H
0
0
0
0
0
Day
Day
1–7
04H
0
0
10 Date
Date
Date
01–31
05H
Century
0
0
10
Month
Month
Month/
Century
01–12 +
Century
06H
10 Year
Year
Year
00–99
07H
A1M1
10 Seconds
Seconds
Alarm 1
Seconds
00–59
08H
A1M2
10 Minutes
Minutes
Alarm 1
Minutes
00–59
AM/PM
09H
A1M3
12/
24
10 Hour
10 Hour
Hour
Alarm 1
Hours
1–12 +
AM/PM
00–23
0AH
A1M4
DY/DT
10 Date
Day, Date
Alarm 1
Day,
Alarm 1
Date
1-7, 1-31
0BH
A2M2
10 Minutes
Minutes
Alarm 2
Minutes
00–59
AM/PM
0CH
A2M3
12/
24
10 Hour
10 Hour
Hour
Alarm 2
Hours
1–12 +
AM/PM
00–23
0DH
A2M4
DY/
DT
10 Date
Day, Date
Alarm 2
Day,
Alarm 2
Date
1–7, 1–31
0EH
EOSC
0
0
RS2
RS1
INTCN
A2IE
A1IE
Control
0FH
OSF
0
0
0
0
0
A2F
A1F
Status
10H
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
Trickle
Charger
Note: Unless otherwise specified, the state of the registers are not defined when power is first applied or when VCC and VBACKUP falls below the
VBACKUP(MIN).


Similar Part No. - DS1339U-33

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339U-33 DALLAS-DS1339U-33 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339U-33 MAXIM-DS1339U-33 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33 MAXIM-DS1339U-33 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339U-33++ DALLAS-DS1339U-33+ Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339U-33++ MAXIM-DS1339U-33+ Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
More results

Similar Description - DS1339U-33

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
   SERIAL REAL-TIME CLOCK
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
   SERIAL REAL-TIME CLOCK
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com