Electronic Components Datasheet Search |
|
C3640H393CDGACTU Datasheet(PDF) 7 Page - Kemet Corporation |
|
C3640H393CDGACTU Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1069_C0G_HV_HT_200C • 3/24/2016 7 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade) Table 1A – Capacitance Range/Selection Waterfall (0805 – 1808 Case Sizes) cont’d *Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (configuration and dimensions). These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. Capacitance Cap Code Case Size/Series C0805H C1206H C1210H C1808H Voltage Code C B D C B D F G C B D F G C B D F G Rated Voltage (VDC) Capacitance Tolerance Product Availability and Chip Thickness Codes See Table 2 for Chip Thickness Dimensions 5,100 pF 512 F G J K M FY FS LA 5,600 pF 562 F G J K M FY FS LB 6,200pF 622 F G J K M FY LC 6,800pF 682 F G J K M FY LC 7,500pF 752 F G J K M FS 8,200 pF 822 F G J K M FS Capacitance Cap Code Rated Voltage (VDC) Voltage Code C B D C B D F G C B D F G C B D F G Case Size/Series C0805H C1206H C1210H C1808H |
Similar Part No. - C3640H393CDGACTU |
|
Similar Description - C3640H393CDGACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |