Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOXLF100-20 Datasheet(PDF) 1 Page - Fox Electronics

Part # FOXLF100-20
Description  Resistance Weld Thru-Hole Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOXLF100-20 Datasheet(HTML) 1 Page - Fox Electronics

  FOXLF100-20 Datasheet HTML 1Page - Fox Electronics FOXLF100-20 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
FEATURES
• Low Cost
• Stocking Standard (see page 2)
• High Frequency Range
• Fundamental to 40 MHz
• Resistance Weld
OPTIONS
• Tolerances to 5 PPM
• Stabilities to 3 PPM
• Temperatures to -40ºC ~ +105ºC
• Mylar Spacer
• Vinyl Sleeve
• Third Lead
1.8432 ~ 180.000
HC49ULF
Model Number
Part Number
281LF-Frequency-xxxxx
• PART NUMBER
Frequency Range (MHz)
Resistance Weld Thru-Hole Crystal
Rev. 4/23/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49ULF
All dimensions are in millimeters.
1
Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements.
All specifications subject to change without notice.
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating (TOPR)
Storage
(TSTG)
Shunt Capacitance (Co)
Load Capacitance (CL)
Drive Level
1.8432 ~ 3.000 MHz
3.000+ ~ 180.000 MHz
Aging per year
1.8432 ~ 180.000 MHz
±30 PPM
±50 PPM
-20ºC ~ +70ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
2.0 mW
1.0 mW
±5 PPM
• STANDARD SPECIFICATIONS1
1.8432 ~ 2.000
2.000+ ~ 2.400
2.400+ ~ 3.000
3.000+ ~ 3.200
3.200+ ~ 3.700
3.700+ ~ 4.200
4.200+ ~ 4.900
4.900+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 8.000
8.000+ ~ 10.000
10.000+ ~ 12.500
12.500+ ~ 16.000
16.000+ ~ 40.000
23.000+ ~ 75.000
60.000 ~ 110.000
110.000 ~ 180.000
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
5th OT
7th OT
750
500
300
200
120
100
70
55
50
40
35
30
25
20
40
80
120
Operating Mode
Max ESR Ω
MAX (unless otherwise noted)
Frequency Range
(MHz)
Page 1 of 2
TERMINATION FINISH: Sn/3.0Ag/0.5Cu


Similar Part No. - FOXLF100-20

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOXLF100-20 FOX-FOXLF100-20 Datasheet
161Kb / 2P
   Resistance Weld Thru-Hole Crystal
logo
List of Unclassifed Man...
FOXLF100-20 ETC2-FOXLF100-20 Datasheet
70Kb / 2P
   RESISTANCE WELD THRU-HOLE CRYSTAL
More results

Similar Description - FOXLF100-20

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC80U FOX-HC80U Datasheet
65Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49U FOX-HC49U Datasheet
61Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXLF036S FOX-FOXLF036S Datasheet
161Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-036S FOX-FOXSLF-036S Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-184-20 FOX-FOXSLF-184-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
logo
List of Unclassifed Man...
FOXLF240F-20 ETC2-FOXLF240F-20 Datasheet
70Kb / 2P
   RESISTANCE WELD THRU-HOLE CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com