Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1084D15LA Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1084D15LA
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1084D15LA Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP1084D15LA Datasheet HTML 2Page - Anachip Corp AP1084D15LA Datasheet HTML 3Page - Anachip Corp AP1084D15LA Datasheet HTML 4Page - Anachip Corp AP1084D15LA Datasheet HTML 5Page - Anachip Corp AP1084D15LA Datasheet HTML 6Page - Anachip Corp AP1084D15LA Datasheet HTML 7Page - Anachip Corp AP1084D15LA Datasheet HTML 8Page - Anachip Corp AP1084D15LA Datasheet HTML 9Page - Anachip Corp AP1084D15LA Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug.27, 2004
6/10
Performance Characteristics
Temperature (oC)
Percent Change in Output Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
- 2
-1.5
- 1
-0.5
0
0. 5
1
1.5
2
Input Voltage (V)
Line Regulation
0
0.2
0.4
0.6
0.8
1
24
6
8
10
12
TIME (us)
Line Transient Response
-40
-20
0
20
40
5.5
6.5
7.5
Cin=1uF
Cout=10uF Tantalum
0
20
40
60
80
100 120 140 160 180 200
TIME (us)
Load Transient Response
010
20 30
40
50
60
70
80
90 100
0
2
4
6
-40
-20
0
20
40
60
Cin=1uF
Cout=10uF Tantalum
Preload=100mA
Output Current (A)
Dropout Voltage vs Output Current
0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
1. 8
2. 0
0
12
3
4
Tj = 125 oC
Tj = 25 oC
5
Temperature (oC)
Load Regulation vs Temperature
-25
0
25
50
75
100
125
- 1
-0.80
-0.40
-0.20
0
0.20
I load=1.5A


Similar Part No. - AP1084D15LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084D15LA ANACHIP-AP1084D15LA Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084D15LA

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com