Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY6117A-45LMB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY6117A-45LMB
Description  2K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY6117A-45LMB Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY6117A-45LMB Datasheet HTML 1Page - Cypress Semiconductor CY6117A-45LMB Datasheet HTML 2Page - Cypress Semiconductor CY6117A-45LMB Datasheet HTML 3Page - Cypress Semiconductor CY6117A-45LMB Datasheet HTML 4Page - Cypress Semiconductor CY6117A-45LMB Datasheet HTML 5Page - Cypress Semiconductor CY6117A-45LMB Datasheet HTML 6Page - Cypress Semiconductor CY6117A-45LMB Datasheet HTML 7Page - Cypress Semiconductor CY6117A-45LMB Datasheet HTML 8Page - Cypress Semiconductor CY6117A-45LMB Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY6116A
CY6117A
6116A: 11/8/89
Revision: Monday, November 8, 1993
7
MILITARY SPECIFICATIONS
GroupA SubgroupTesting
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL Max.
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC
1, 2, 3
ISB
1, 2, 3
Switching Characteristics
Parameter
Subgroups
READ CYCLE
tRC
7, 8, 9, 10, 11
tAA
7, 8, 9, 10, 11
tOHA
7, 8, 9, 10, 11
tACE
7, 8, 9, 10, 11
tDOE
7, 8, 9, 10, 11
WRITE CYCLE
tWC
7, 8, 9, 10, 11
tSCE
7, 8, 9, 10, 11
tAW
7, 8, 9, 10, 11
tHA
7, 8, 9, 10, 11
tSA
7, 8, 9, 10, 11
tPWE
7, 8, 9, 10, 11
tSD
7, 8, 9, 10, 11
tHD
7, 8, 9, 10, 11
Document #: 38-00105-B


Similar Part No. - CY6117A-45LMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY600 ETC1-CY600 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
CY62126BVLL-55BAI CYPRESS-CY62126BVLL-55BAI Datasheet
188Kb / 9P
   64K x 16 Static RAM
CY62126BVLL-55ZI CYPRESS-CY62126BVLL-55ZI Datasheet
188Kb / 9P
   64K x 16 Static RAM
CY62126BVLL-70BAI CYPRESS-CY62126BVLL-70BAI Datasheet
188Kb / 9P
   64K x 16 Static RAM
More results

Similar Description - CY6117A-45LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com