Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2130-LA Datasheet(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC2130-LA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC2130-LA Datasheet(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC2130-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2130-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2130-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2130-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2130-LA Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2130-LA Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2130-LA Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2130-LA Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2130-LA Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
TMC2130 DATASHEET (Rev. 1.07 / 2016-APR-27)
10
www.trinamic.com
2 Pin Assignments
2.1 Package Outline
CPI
STEP
CLK
1
DIR
VCC_IO
SDO_CFG0
SDI_CFG1
SCK_CFG2
CSN_CFG3
DIAG1
DIAG0
AIN_IREF
GNDA
CPO
-
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
DRV_ENN_CFG6
VCC
5VOUT
SPI_MODE
DCIN_CFG5
PAD = GNDD
TMC2130-LA
QFN-36
5mm x 6mm
Figure 2.1 TMC2130-LA package and pinning QFN36 (5x6mm² body)
25
26
-
-
STEP
CLK
1
TST_MODE
DIR
VCC_IO
SDO_CFG0
SDI_CFG1
SCK_CFG2
CSN_CFG3
DIAG1
DIAG0
AIN_IREF
GNDA
CPO
-
-
2
3
4
5
6
7
8
9
10
11
36
35
34
33
32
31
30
29
28
27
DRV_ENN_CFG6
VCC
5VOUT
PAD = GNDD
12
SPI_MODE
DCIN_CFG5
-
TMC2130-TA
TQFP-48
9mm x 9mm
Figure 2.2 TMC2130-TA package and pinning TQFP-EP 48-EP (7x7mm² body, 9x9mm² with leads)


Similar Part No. - TMC2130-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC2130-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com