Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2660 Datasheet(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC2660
Description  POWER DRIVER FOR STEPPER MOTORS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC2660 Datasheet(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC2660 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2660 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2660 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2660 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2660 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2660 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2660 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2660 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2660 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TMC2660 DATASHEET (Rev. 1.04 / 2015-OCT-08)
4
www.trinamic.com
1 Principles of Operation
µC
SPI
S/D
High-Level
Interface
N
S
0A+
0A-
0B+
TMC2660
0B-
µC
SPI
SPI
S/D
TMC429
Motion
Controller
for up to
3 Motors
High-Level
Interface
N
S
0A+
0A-
0B+
TMC2660
0B-
Figure 1.1 Block diagram: applications
The TMC2660 motor driver chip with included MOSFETs is the intelligence and power between a
motion controller and the two phase stepper motor as shown in Figure 1.1. Following power-up, an
embedded microcontroller initializes the driver by sending commands over an SPI bus to write
control parameters and mode bits in the TMC2660. The microcontroller may implement the motion-
control function as shown in the upper part of the figure, or it may send commands to a dedicated
motion controller chip such as TRINAMIC’s TMC429 as shown in the lower part.
The motion controller can control the motor position by sending pulses on the STEP signal while
indicating the direction on the DIR signal. The TMC2660 has a microstep counter and sine table to
convert these signals into the coil currents which control the position of the motor. If the
microcontroller implements the motion-control function, it can write values for the coil currents
directly to the TMC2660 over the SPI interface, in which case the STEP/DIR interface may be disabled.
This mode of operation requires software to track the motor position and reference a sine table to
calculate the coil currents.
To optimize power consumption and heat dissipation, software may also adjust coolStep and
stallGuard2 parameters in real-time, for example to implement different tradeoffs between speed and
power consumption in different modes of operation.
The motion control function is a hard real-time task which may be a burden to implement reliably
alongside other tasks on the embedded microcontroller. By offloading the motion-control function to
the TMC429, up to three motors can be operated reliably with very little demand for service from the
microcontroller. Software only needs to send target positions, and the TMC429 generates precisely
timed step pulses. Software retains full control over both the TMC2660 and TMC429 through the SPI
bus.
1.1 Key Concepts
The TMC2660 motor driver implements several advanced features which are exclusive to TRINAMIC
products. These features contribute toward greater precision, greater energy efficiency, higher
reliability, smoother motion, and cooler operation in many stepper motor applications.
stallGuard2™
High-precision load measurement using the back EMF on the coils
coolStep™
Load-adaptive current control which reduces energy consumption by as much as
75%
spreadCycle™
High-precision chopper algorithm available as an alternative to the traditional
constant off-time algorithm
microPlyer™
Microstep interpolator for obtaining increased smoothness of microstepping over a
STEP/DIR interface


Similar Part No. - TMC2660

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2660-PA TRINAMIC-TMC2660-PA Datasheet
1Mb / 52P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC2660

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com