Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC5130A-TA Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5130A-TA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5130A-TA Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC5130A-TA Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5130A-TA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
TMC5130A DATASHEET (Rev. 1.12 / 2016-APR-22)
5
www.trinamic.com
1 Principles of Operation
The TMC5130A motion controller and driver chip is an intelligent power component interfacing
between CPU and stepper motor. All stepper motor logic is completely within the TMC5130A. No
software is required to control the motor – just provide target positions. The TMC5130A offers a
number of unique enhancements which are enabled by the system-on-chip integration of driver and
controller. The sixPoint ramp generator of the TMC5130A uses stealthChop, dcStep, coolStep, and
stallGuard2 automatically to optimize every motor movement.
THE TMC5130A OFFERS THREE BASIC MODES OF OPERATION:
MODE 1: Full Featured Motion Controller & Driver
All stepper motor logic is completely within the TMC5130A. No software is required to control the
motor – just provide target positions. Enable this mode by tying low pin SD_MODE.
MODE 2: Step & Direction Driver
An external high-performance S-ramp motion controller like the TMC4361 or a central CPU generates
step & direction signals synchronized to other components like additional motors within the system.
The TMC5130A takes care of intelligent current and mode control and delivers feedback on the state of
the motor. The microPlyer automatically smoothens motion. Leave open SD_MODE and SPI_MODE.
MODE 3: Simple Step & Direction Driver
The TMC5130A positions the motor based on step & direction signals. The microPlyer automatically
smoothens motion. No CPU interaction is required; configuration is done by hardware pins. Basic
standby current control can be done by the TMC5130A. Optional feedback signals allow error detection
and synchronization. Enable this mode by tying low pin SPI_MODE.
Diff. Tranceiver
Half Bridge 1
Half Bridge 2
+VM
VS
current
comparator
2 phase
stepper
motor
N
S
Stepper driver
Protection
& diagnostics
programmable
sine table
4*256 entry
DAC
stallGuard2™
coolStep™
x
OA1
OA2
BRA
spreadCycle &
stealthChop
Chopper
VCC_IO
TMC 5130A
Stepper motor driver /
controller
SPI interface
CSN
SCK
SDO/NAO
SDI/NAI
linear 6 point RAMP
generator
reference switch
processing
Step &
Direction pulse
generation
Motio
n con
trol
Half Bridge 1
Half Bridge 2
VS
current
comparator
DAC
OB1
OB2
BRB
Control register
set
Single wire
interface
(-TA pckg only)
CLK oscillator/
selector
5V Voltage
regulator
charge pump
CPO
CPI
VCP
22n
100n
SWN_DIAG0
SW_SEL
CLK_IN
Interf
ace
SWP_DIAG1
+VM
5VOUT
VSA
4.7µ
+VIO
Encoder
unit
A
B
N
INT & position
pulse output
DRV_ENN
GNDP
GNDP
dcStep™
SPI™
single wire
UART
opt. ext. clock
10-16MHz
3.3V or 5V
I/O voltage
100n
100n
100n
100n
interface selection
(-TA package only)
Opt. interrupt out
reference / stop switches
opt. driver enable
RS
RS
ISENSE
ISENSE
ISENSE
ISENSE
+VM
DAC Reference
IREF
IREF
IREF
PU
PU
PU
PU
PD
PDD
PMD
PU=166K pullup resistor to VCC
PD=166k pull down resistor to GND
PDD=100k pulldown
PMD=50k to VCC/2
Opt. poscomp out
leave open
optional current scaling
Optional for internal
current sensing.
RREF=9K1 allows for
maximum coil current.
RS=0R15 allows for
maximum coil current;
Use low inductance
SMD resistor type.
Tie BRA and BRB to
GND for internal
current sensing
RREF
5VOUT
2R2
470n
2R2 and 470n are optional
filtering components for
best chopper precision
VCC
Optional incremental
encoder inputs
coolS
tep &
stealt
hCho
p
moto
r driv
er
Figure 1.1 TMC5130A basic application block diagram with motion controller


Similar Part No. - TMC5130A-TA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC5130A-TA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com