Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-1060 Datasheet(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1060
Description  MECHATRONIC DRIVE WITH STEPPER MOTOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1060 Datasheet(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1060 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1060 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1060 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1060 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1060 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1060 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1060 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1060 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1060 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
PD-1060 / TMCM-1060 V1.0 Hardware Manual (Rev. 1.08 / 2013-JUL-04)
8
www.trinamic.com
5 Motor
MAIN CHARACTERISTICS OF THE FOUR DIFFERENT MOTORS AVAILABLE AS PART OF THE PD57-1060
Specifications
Parameter Units
QSH5718
-41-28-055
-51-28-101
56-28-126
-76-28-189
Number of Leads
4
4
4
4
Step Angle
˚
1.8
1.8
1.8
1.8
Step Angle Accuracy
%
5
5
5
5
Rated Voltage
V
RATED
V
2
2.3
2.5
3.2
Rated Phase Current
I
RMS RATED
A
2.8
2.8
2.8
2.8
Phase Resistance at 20°C
R
COIL
0.7
0.83
0.9
1.13
Phase Inductance (typ.)
mH
1.4
2.2
2.5
3.6
Holding Torque
Nm
0.55
1.01
1.26
1.89
Rotor Inertia
g cm2
120
275
300
480
Insulation Class
B
B
B
B
Max. applicable voltage
V
75
75
75
75
Max. radial force
(20mm
from
front
flange)
N
75
75
75
75
Max. axial force
N
15
15
15
15
Weight
kg
0.45
0.65
0.7
1
Length
mm
41
51
56
76
Temp.
Rise
(rated
current, 2 phase on)
˚C
+80 max
+80 max
+80 max
+80 max
Ambient Temperature
˚C
-20 … +50
-20 … +50
-20 … +50
-20 … +50
Table 5.1 NEMA 23/57mm technical motor data
MAIN CHARACTERISTICS OF THE FOUR DIFFERENT MOTORS AVAILABLE AS PART OF THE PD60-1060
Specifications
Parameter Units
QSH6018
-45-28-110
-56-28-165
-65-28-210
-86-28-310
Number of Leads
8
8
8
8
Step Angle
˚
1.8
1.8
1.8
1.8
Rated Voltage
V
RATED
V
2.1
2.52
3.36
4.17
Rated Phase Current
I
RMS RATED
A
2.8
2.8
2.8
2.8
Phase Resistance at 20°C
R
COIL
0.75
0.9
1.2
1.5
Phase Inductance (typ.)
mH
2
3.6
4.6
6.8
Holding Torque
Nm
1.1
1.65
2.1
3.1
Rotor Inertia
g cm2
275
400
570
840
Insulation Class
B
B
B
B
Weight
kg
0.6
0.77
1.2
1.4
Ambient Temperature
˚C
-20 … +50
-20 … +50
-20 … +50
-20 … +50
Table 5.2 NEMA 24/60mm technical motor data
Please refer to the motor manuals on www.trinamic.com for further information.
CAUTION!
Keep the electronics free of (metal) particles!
The integrated sensOstep™ encoder uses a magnet at the end of the motor axis in order
to monitor position. The magnet naturally attracts especially tiny metal particles. These
particles might be held on the top side of the PCB and even worse – start moving in
accordance with the rotating magnetic field as soon as the motor starts moving. This
might lead to shorts of electronic contacts / wires on the board and totally erratic
behavior of the module! Use compressed air for cleaning the module if necessary.


Similar Part No. - TMCM-1060

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-100 TRINAMIC-TMCM-100 Datasheet
474Kb / 1P
   Evaluation Base board for TMCM-100, TMCM-301, TMCM-302 or TMCM-303
TMCM-101 TRINAMIC-TMCM-101 Datasheet
680Kb / 1P
   1-Axis Controller/Driver 3A/28.5V with Encoder Inf
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
TMCM-102-IF TRINAMIC-TMCM-102-IF Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
More results

Similar Description - TMCM-1060

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-113-60-SE TRINAMIC-TMCM-113-60-SE Datasheet
1Mb / 25P
   MECHATRONIC DRIVES WITH STEPPER MOTOR
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
   Microstepping stepper motor drive
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com