Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCL-1160-CABLE Datasheet(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCL-1160-CABLE
Description  MODULE FOR STEPPER MOTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCL-1160-CABLE Datasheet(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCL-1160-CABLE Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCL-1160-CABLE Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCL-1160-CABLE Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCL-1160-CABLE Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCL-1160-CABLE Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCL-1160-CABLE Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCL-1160-CABLE Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCL-1160-CABLE Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCL-1160-CABLE Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TMCM-1160 V1.01 Hardware Manual (Rev. 1.02 / 2013-JUL-23)
8
www.trinamic.com
3.2.1 Power Connector
This module offers separate power supply inputs for digital logic (pin 2) and driver/power stage (pin 1).
Both supply inputs use common ground connections (pin 4). This way, power supply for the driver stage
may be switched off while still maintaining position and status information when keeping digital logic
supply active. Due to internal diode the digital logic supply has to be equal or higher than the
driver/power stage supply. Otherwise the diode between driver/power stage supply and digital logic
supply might short the separate supplies.
+UD
RIVER SUPPLY ONLY
In case power supply is provided only to the power section (pin 1) an internal diode will distribute
power to the logic section. So, when separate power supplies are not required it is possible to just use
pin 1 and 4 for powering the module. If so, pin 2 (logic supply) and pin 3 (/SHUTDOWN input) can be
connected together in order to enable the driver stage.
ENABLING THE DRIVER STAGE
Connect /SHUTDOWN input to +U
Driver or +ULogic in order to activate the driver stage. Leaving this input
open or connecting it to ground will disable driver stage.
A 4-pin JST EH series B4B-EH connector is used as power connector on-board.
4
1
Pin
Label
Description
1
+V
Driver
Module + driver stage power supply input
2
+V
Logic
(Optional) separate digital logic power supply input
3
/SHUTDOWN
Shutdown input. Connect this input to +V
Driver or +VLogic in order
to activate driver stage. Leaving this input open or connecting it
to ground will disable driver stage
4
GND
Module ground (power supply and signal ground)
Table 3.2 Connector for power supply
3.2.1.1 Power Supply
For proper operation care has to be taken with regard to the power supply concept and design. Due to
space restrictions the TMCM-1160 includes about 20 µF / 100 V of supply filter capacitors. These are
ceramic capacitors which have been selected for high reliability and long life time.
HINTS FOR POWER SUPPLY CABLES
-
Keep power supply cables as short as possible.
-
Use large diameters for power supply cables.
CAUTION!
Add external power supply capacitors!
It is recommended to connect an electrolytic capacitor of significant size (e.g. 2200 µF / 63
V) to the power supply lines next to the TMCM-1160 especially if the distance to the power
supply is large (i.e. more than 2-3m)!
Rule of thumb for size of electrolytic capacitor:
In addition to power stabilization (buffer) and filtering this added capacitor will also
reduce any voltage spikes which might otherwise occur from a combination of high
inductance power supply wires and the ceramic capacitors. In addition it will limit slew-
rate of power supply voltage at the module. The low ESR of ceramic-only filter capacitors
may cause stability problems with some switching power supplies.


Similar Part No. - TMCL-1160-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCL-PC TRINAMIC-TMCL-PC Datasheet
165Kb / 1P
   PC based TMCL interpreter for multiple module control
More results

Similar Description - TMCL-1160-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-6110 TRINAMIC-TMCM-6110 Datasheet
1Mb / 27P
   MODULE FOR STEPPER MOTORS
TMCM-1310 TRINAMIC-TMCM-1310 Datasheet
757Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1021 TRINAMIC-TMCM-1021 Datasheet
805Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1043 TRINAMIC-TMCM-1043 Datasheet
285Kb / 2P
   MODULE FOR STEPPER MOTORS
TMCM-1140 TRINAMIC-TMCM-1140 Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com