Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-1161-CABLE Datasheet(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1161-CABLE
Description  MODULES FOR STEPPER MOTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1161-CABLE Datasheet(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1161-CABLE Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161-CABLE Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TMCM-1161 V1.0 Hardware Manual (Rev. 1.14 / 2013-JUL-23)
10
www.trinamic.com
3.2.2 USB Connector
Pin
Label
Description
1
VBUS
+5V power
2
D-
Data –
3
D+
Data +
4
ID
not connected
5
GND
ground
Table 3.2 Mini USB connector


Similar Part No. - TMCM-1161-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-1160-TMCL TRINAMIC-TMCM-1160-TMCL Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
More results

Similar Description - TMCM-1161-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com