Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD86-3-1180-TMCL Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD86-3-1180-TMCL
Description  MECHATRONIC DRIVE WITH STEPPER MOTOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD86-3-1180-TMCL Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD86-3-1180-TMCL Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD86-3-1180-TMCL Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD86-3-1180-TMCL Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD86-3-1180-TMCL Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD86-3-1180-TMCL Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD86-3-1180-TMCL Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD86-3-1180-TMCL Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD86-3-1180-TMCL Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD86-3-1180-TMCL Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TMCM-1180 and PD86-1180 Hardware Manual (V1.05 / 2013-JUL-26)
5
www.trinamic.com
4 Mechanical and Electrical Interfacing
4.1 TMCM-1180 Dimensions and Mounting Holes
The dimensions of the controller/driver board (TMCM-1180) are approx. 86mm x 86mm in order to fit to the
back side of the 86mm stepper motor. The TMCM-1180 is 21.5mm high without matching connectors. There
are four mounting holes for M4 screws.
85.9
85.9
67.45
72
72
13.9
13.9
2
8
2
8
67.45
4.55
18.45
18.45
4.55
R5.9
81.35
81.35
TMCM-1180
M4
Figure 4.1 Dimensions of TMCM-1180 and mounting holes


Similar Part No. - PD86-3-1180-TMCL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
More results

Similar Description - PD86-3-1180-TMCL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-113-60-SE TRINAMIC-TMCM-113-60-SE Datasheet
1Mb / 25P
   MECHATRONIC DRIVES WITH STEPPER MOTOR
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
   Microstepping stepper motor drive
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com