Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH10H030LK3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMTH10H030LK3
Description  Qualified to AEC-Q101 Standards for High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H030LK3 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMTH10H030LK3 Datasheet HTML 1Page - Diodes Incorporated DMTH10H030LK3 Datasheet HTML 2Page - Diodes Incorporated DMTH10H030LK3 Datasheet HTML 3Page - Diodes Incorporated DMTH10H030LK3 Datasheet HTML 4Page - Diodes Incorporated DMTH10H030LK3 Datasheet HTML 5Page - Diodes Incorporated DMTH10H030LK3 Datasheet HTML 6Page - Diodes Incorporated DMTH10H030LK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMTH10H030LK3
Document number: DS38737 Rev. 1 - 2
3 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMTH10H030LK3
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE(V)
Figure 1. Typical Output Characteristic
V
GS = 3.0V
V
GS = 3.5V
V
GS = 4.0V
V
GS = 4.5V
V
GS = 5.0V
V
GS = 6.0V
V
GS = 10V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 10V
-55oC
25oC
85oC
125oC
150oC
175oC
0.007
0.009
0.011
0.013
0.015
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS = 10V
V
GS = 6V
0
0.02
0.04
0.06
0.08
0.1
0
4
8
12
16
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 20A
0
0.005
0.01
0.015
0.02
0.025
0.03
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Junction Temperature
V
GS = 10V
-55oC
25oC
85oC
125oC
150oC
175oC
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Junction
Temperature
V
GS = 6V, ID = 20A
V
GS = 10V, ID = 20A


Similar Part No. - DMTH10H030LK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH10H032LPSWQ DIODES-DMTH10H032LPSWQ Datasheet
908Kb / 8P
   100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH10H032LPSWQ-13 DIODES-DMTH10H032LPSWQ-13 Datasheet
908Kb / 8P
   100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
More results

Similar Description - DMTH10H030LK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com