Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25640 Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM25640
Description  64Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640 Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM25640 Datasheet HTML 6Page - Ramtron International Corporation FM25640 Datasheet HTML 7Page - Ramtron International Corporation FM25640 Datasheet HTML 8Page - Ramtron International Corporation FM25640 Datasheet HTML 9Page - Ramtron International Corporation FM25640 Datasheet HTML 10Page - Ramtron International Corporation FM25640 Datasheet HTML 11Page - Ramtron International Corporation FM25640 Datasheet HTML 12Page - Ramtron International Corporation FM25640 Datasheet HTML 13Page - Ramtron International Corporation FM25640 Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FM25640
Rev. 2.1
Aug 2003
11 of 14
AC Parameters (TA = -40° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
5.0
MHz
tCH
Clock High Time
90
ns
tCL
Clock Low Time
90
ns
tCSU
Chip Select Setup
90
ns
tCSH
Chip Select Hold
90
ns
tOD
Output Disable
100
ns
2
tODV
Output Data Valid
60
ns
tOH
Output Hold
0
ns
tD
Deselect Time
100
ns
tR
Data In Rise Time
1
µs
1,2
tF
Data In Fall Time
1
µs
1,2
tH
Data Hold Time
30
ns
tSU
Data Setup Time
20
ns
tHS
/Hold Setup Time
70
ns
tHH
/Hold Hold Time
40
ns
tHZ
/Hold Low to Hi-Z
100
ns
2
tLZ
/Hold High to Data Active
50
ns
2
Notes
1.
Rise and fall times measured between 10% and 90% of waveform.
2.
Characterized but not 100% tested in production.
Capacitance TA = 25° C, f=1.0 MHz, VDD = 5V
Symbol
Parameter
Max
Units
Notes
CO
Output capacitance (SDA)
8
pF
1
CI
Input capacitance
6
pF
1
Notes
1.
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
10 ns
Input and output timing levels
VDD*0.5
Equivalent AC Load Circuit
Data Retention VDD = 4.5V to 5.5V unless otherwise specified
Parameter
Min
Units
Notes
Data Retention
10
Years


Similar Part No. - FM25640

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25640-G RAMTRON-FM25640-G Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM25640-GA RAMTRON-FM25640-GA Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25640-S RAMTRON-FM25640-S Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
More results

Similar Description - FM25640

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com