Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812C104FAGACAUTO Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1812C104FAGACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C104FAGACAUTO Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1812C104FAGACAUTO Datasheet HTML 2Page - Kemet Corporation C1812C104FAGACAUTO Datasheet HTML 3Page - Kemet Corporation C1812C104FAGACAUTO Datasheet HTML 4Page - Kemet Corporation C1812C104FAGACAUTO Datasheet HTML 5Page - Kemet Corporation C1812C104FAGACAUTO Datasheet HTML 6Page - Kemet Corporation C1812C104FAGACAUTO Datasheet HTML 7Page - Kemet Corporation C1812C104FAGACAUTO Datasheet HTML 8Page - Kemet Corporation C1812C104FAGACAUTO Datasheet HTML 9Page - Kemet Corporation C1812C104FAGACAUTO Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1022_C0G_AUTO_SMD • 2/29/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Automotive Grade)
Capacitance Cap
Code
Case Size/Series
C0402C
C0603C
C0805C
Voltage Code
8
4
3
5
1
2
A
8
4
3
5
1
2
A
8
4
3
5
1
2
A
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
0.50&0.75pF
508&758 B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
1.0–9.1pF*
109–919* B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
10–91pF*
100–910*
F G J K M BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
100pF
101
F G J K M BB BB BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN
110–180pF*
111–181*
F G J K M BB BB BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN
200–270pF*
201–271*
F G J K M BB BB BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN
300pF
301
F G J K M BB BB BB BB BB BD BD CF CF CF CF CF CF CF DN DN DN DN DN DN DN
330pF
331
F G J K M BB BB BB BB BB BD BD CF CF CF CF CF CF CF DN DN DN DN DN DN DN
360pF
361
F G J K M BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
390pF
391
F G J K M BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
430pF
431
F G J K M BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
470pF
471
F G J K M BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DP DP
510–820pF*
511–821*
F G J K M BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
910pF
911
F G J K M BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DP DP DP
1,000pF
102
F G J K M BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DP DP DP
1,100pF
112
F G J K M BB BB BB BB
CF CF CF CF CF CH CH DN DN DN DN DN DN DN
1,200pF
122
F G J K M BB BB BB BB
CF CF CF CF CF CH CH DN DN DN DN DN DN DN
1,300pF
132
F G J K M BB BB BB BB
CF CF CF CF CF CH CH DP DP DP DP DP DN DN
1,500pF
152
F G J K M BB BB BB BB
CF CF CF CF CF CH CH DP DP DP DP DP DN DN
1,600pF
162
F G J K M BB BB BB
CF CF CF CF CF CH CH DP DP DP DP DP DN DN
1,800pF
182
F G J K M BB BB BB
CF CF CF CF CF CH CH DP DP DP DP DP DN DN
2,000pF
202
F G J K M BB BB BB
CF CF CF CF CF CH CH DN DN DN DN DN DN DN
2,200pF
222
F G J K M BB BB BB
CF CF CF CF CF CH CH DN DN DN DN DN DN DN
2,400pF
242
F G J K M
CF CF CF CF CF
DN DN DN DN DN DN DN
2,700pF
272
F G J K M
CF CF CF CF CF
DN DN DN DN DN DN DN
3,000pF
302
F G J K M
CF CF CF CF CF
DP DP DP DP DN DN DN
3,300pF
332
F G J K M
CF CF CF CF CF
DP DP DP DP DN DN DN
3,600pF
362
F G J K M
CF CF CF CF CF
DP DP DP DP DN DP DP
3,900pF
392
F G J K M
CF CF CF CF CF
DE DE DE DE DN DP DP
4,300pF
432
F G J K M
CF CF CF CF CF
DE DE DE DE DN DP DP
4,700pF
472
F G J K M
CF CF CF CF CF
DE DE DE DE DN DP DP
5,100pF
512
F G J K M
CF CF CF CF
DE DE DE DE DN DP DP
5,600pF
562
F G J K M
CF CF CF CF
DN DN DN DN DN DP DP
6,200pF
622
F G J K M
CF CF CF CF
DN DN DN DN DN DG DG
6,800pF
682
F G J K M
CF CF CF CF
DN DN DN DN DN DG DG
7,500pF
752
F G J K M
CF CF CF
DN DN DN DN DN DG DG
8,200pF
822
F G J K M
CF CF CF
DN DN DN DN DN DG DG
9,100pF
912
F G J K M
CF CF CF
DN DN DN DN DN
10,000pF
103
F G J K M
CF CF CF
DN DN DN DN DP
12,000pF
123
F G J K M
CF CF CF
DN DN DN DN DE
15,000pF
153
F G J K M
CF CF CF
DN DN DN DP DG
18,000pF
183
F G J K M
DN DN DN DP
22,000pF
223
F G J K M
DP DP DP DF
27,000pF
273
F G J K M
DF DF DF
33,000pF
333
F G J K M
DG DG DG
39,000pF
393
F G J K M
DG DG DG
47,000pF
473
F G J K M
DG DG DG
Capacitance Cap Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
1
2
A
8
4
3
5
1
2
A
8
4
3
5
1
2
A
Case Size/Series
C0402C
C0603C
C0805C
Table 1A – Capacitance Range/Selection Waterfall (0402 – 0805 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.


Similar Part No. - C1812C104FAGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C104FAGACAUTO KEMET-C1812C104FAGACAUTO Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
More results

Similar Description - C1812C104FAGACAUTO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com