Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP888CF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CF
Description  8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP888CF Datasheet HTML 1Page - National Semiconductor (TI) COP888CF Datasheet HTML 2Page - National Semiconductor (TI) COP888CF Datasheet HTML 3Page - National Semiconductor (TI) COP888CF Datasheet HTML 4Page - National Semiconductor (TI) COP888CF Datasheet HTML 5Page - National Semiconductor (TI) COP888CF Datasheet HTML 6Page - National Semiconductor (TI) COP888CF Datasheet HTML 7Page - National Semiconductor (TI) COP888CF Datasheet HTML 8Page - National Semiconductor (TI) COP888CF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Connection Diagrams (Continued)
Pinouts for 28-, 40- and 44-Pin Packages
Port
Type
Alt. Fun
Alt. Fun
28-Pin Pack.
40-Pin Pack.
44-Pin Pack.
L0
I/O
MIWU
11
17
L1
I/O
MIWU
12
18
L2
I/O
MIWU
13
19
19
L3
I/O
MIWU
14
20
20
L4
I/O
MIWU
T2A
15
21
25
L5
I/O
MIWU
T2B
16
22
26
L6
I/O
MIWU
17
23
27
L7
I/O
MIWU
18
24
28
G0
I/O
INT
25
35
39
G1
WDOUT
26
36
40
G2
I/O
T1B
27
37
41
G3
I/O
T1A
28
38
42
G4
I/O
SO
1
3
3
G5
I/O
SK
2
4
4
G6
I
SI
3
5
5
G7
I/CKO
HALT Restart
4
6
6
I0
I
ACH0
7
9
9
I1
I
ACH1
8
10
10
I2
I
ACH2
11
11
I3
I
ACH3
12
12
I4
I
ACH4
13
13
I5
I
ACH5
14
14
I6
I
ACH6
15
I7
I
ACH7
16
D0
O
19
25
29
D1
O
20
26
30
D2
O
21
27
31
D3
O
22
28
32
D4
O
29
33
D5
O
30
34
D6
O
31
35
D7
O
32
36
C0
I/O
39
43
C1
I/O
40
44
C2
I/O
1
1
C3
I/O
2
2
C4
I/O
21
C5
I/O
22
C6
I/O
23
C7
I/O
24
V
REF
+V
REF
10
16
18
AGND
AGND
9
15
17
V
CC
68
8
GND
23
33
37
CKI
5
7
7
RESET
24
34
38
www.national.com
4


Similar Part No. - COP888CF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888CG NSC-COP888CG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CG NSC-COP888CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP888CG NSC-COP888CG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP888CG NSC-COP888CG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Texas Instruments
COP888CG TI1-COP888CG Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP888CF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC5 NSC-COP8ACC5 Datasheet
526Kb / 41P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888EK NSC-COP888EK Datasheet
553Kb / 46P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
logo
Zilog, Inc.
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
   CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com