Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1808X106K2RALTU Datasheet(PDF) 10 Page - Kemet Corporation

Part # C1808X106K2RALTU
Description  Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1808X106K2RALTU Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C1808X106K2RALTU Datasheet HTML 6Page - Kemet Corporation C1808X106K2RALTU Datasheet HTML 7Page - Kemet Corporation C1808X106K2RALTU Datasheet HTML 8Page - Kemet Corporation C1808X106K2RALTU Datasheet HTML 9Page - Kemet Corporation C1808X106K2RALTU Datasheet HTML 10Page - Kemet Corporation C1808X106K2RALTU Datasheet HTML 11Page - Kemet Corporation C1808X106K2RALTU Datasheet HTML 12Page - Kemet Corporation C1808X106K2RALTU Datasheet HTML 13Page - Kemet Corporation C1808X106K2RALTU Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1013_X7R_FT-CAP_SMD • 2/29/2016 10
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 2B – Bulk Packaging Quantities
Packaging Type
Loose Packaging
Bulk Bag (default)
Packaging C-Spec1
N/A2
Case Size
Packaging Quantities (pieces/unit packaging)
EIA (in)
Metric (mm)
Minimum
Maximum
0402
1005
1
50,000
0603
1608
0805
2012
1206
3216
1210
3225
1808
4520
20,000
1812
4532
1825
4564
2220
5650
2225
5664
1
The "Packaging C-Spec" is a 4 to 8 digit code which identifies the packaging type and/or product grade. When ordering, the proper code must be included in the 15th
through 22nd character positions of the ordering code. See "Ordering Information" section of this document for further details. Commercial Grade product ordered without
a packaging C-Spec will default to our standard "Bulk Bag" packaging. Contact KEMET if you require a bulk bag packaging option for Automotive Grade products.
2
A packaging C-Spec (see note 1 above) is not required for "Bulk Bag" packaging (excluding Anti-Static Bulk Bag and Automotive Grade products). The 15th through
22nd character positions of the ordering code should be left blank. All product ordered without a packaging C-Spec will default to out standard "Bulk Bag" packaging.


Similar Part No. - C1808X106K2RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1808X106K2RACAUTO KEMET-C1808X106K2RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C1808X106K2RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C1206X106K4RAC3316 KEMET-C1206X106K4RAC3316 Datasheet
185Kb / 7P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3-100 VDC, VW 80808 Specification
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com