Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3640H393MFGACTU Datasheet(PDF) 10 Page - Kemet Corporation

Part # C3640H393MFGACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C3640H393MFGACTU Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C3640H393MFGACTU Datasheet HTML 6Page - Kemet Corporation C3640H393MFGACTU Datasheet HTML 7Page - Kemet Corporation C3640H393MFGACTU Datasheet HTML 8Page - Kemet Corporation C3640H393MFGACTU Datasheet HTML 9Page - Kemet Corporation C3640H393MFGACTU Datasheet HTML 10Page - Kemet Corporation C3640H393MFGACTU Datasheet HTML 11Page - Kemet Corporation C3640H393MFGACTU Datasheet HTML 12Page - Kemet Corporation C3640H393MFGACTU Datasheet HTML 13Page - Kemet Corporation C3640H393MFGACTU Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 10
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Capacitance
Cap
Code
Case Size/
Series
C2824H
C3040H
C3640H
C4540H
Voltage Code
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Rated
Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
10 - 2,000 pF
100 - 202
J
K
M
2,200 pF
222
J
K
M
TA
TA
TA
TA
TA
2,400 pF
242
J
K
M
2,700 pF
272
J
K
M
TA
TA
TA
TA
TA
3,000 pF
302
J
K
M
3,300 pF
332
J
K
M
TA
TA
TA
TA
TA
QB QB QB QB QB
3,600 pF
362
J
K
M
3,900 pF
392
J
K
M
TA
TA
TA
TA
TB
QB QB QB QB QB MA MA MA MA MA
4,300 pF
432
J
K
M
4,700 pF
472
J
K
M
TA
TA
TA
TB
TB
QB QB QB QB QB MA MA MA MA MA SA
SA
SA
SA
SA
5,100 pF
512
J
K
M
5,600 pF
562
J
K
M
TA
TA
TA
TB
TC
QB QB QB QB QB MA MA MA MA MA SA
SA
SA
SA
SA
6,200 pF
622
J
K
M
6,800 pF
682
J
K
M
TA
TA
TA
TB
QB QB QB QB QC MA MA MA MA MA SA
SA
SA
SA
SA
7,500 pF
752
J
K
M
8,200 pF
822
J
K
M
TA
TA
TA
TC
QB QB QB QC QC MA MA MA MA MB SA
SA
SA
SA
SA
9,100 pF
912
J
K
M
10,000 pF
103
J
K
M
TA
TA
TA
QB QB QB QC QD MA MA MA MA MB SA
SA
SA
SA
SB
12,000 pF
123
J
K
M
TA
TA
TA
QB QB QB QD
MA MA MA MB MB SA
SA
SA
SA
SB
15,000 pF
153
J
K
M
TA
TA
TB
QB QB QB QD
MA MA MA MB MC SA
SA
SA
SB
SB
18,000 pF
183
J
K
M
TA
TA
TB
QB QB QB
MA MA MA MC
SA
SA
SA
SB
SC
22,000 pF
223
J
K
M
TA
TB
TC
QB QB QC
MA MA MA
SA
SA
SA
SB
27,000 pF
273
J
K
M
TA
TB
QB QB QC
MA MA MA
SA
SA
SA
SC
33,000 pF
333
J
K
M
TB
TB
QB QC QC
MA MA MB
SA
SA
SA
39,000 pF
393
J
K
M
TB
TC
QB QC QD
MA MA MB
SA
SA
SB
47,000 pF
473
J
K
M
TB
QB QC
MA MB MC
SA
SA
SB
56,000 pF
563
J
K
M
TC
QC QD
MA MB
SA
SA
SB
68,000 pF
683
J
K
M
QC QD
MB MC
SA
SB
SC
82,000 pF
823
J
K
M
QC
MB
SA
SB
0.1 µF
104
J
K
M
QD
MC
SB
SC
0.12 µF
124
J
K
M
MC
SB
0.15 µF
154
J
K
M
SC
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Case Size/Series
C2824H
C3040H
C3640H
C4540H
Table 1C – Capacitance Range/Selection Waterfall (2824 – 4540 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.


Similar Part No. - C3640H393MFGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C3640H393MDGWCTU KEMET-C3640H393MDGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C3640H393MGGWCTU KEMET-C3640H393MGGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C3640H393MHGWCTU KEMET-C3640H393MHGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C3640H393MUGWCTU KEMET-C3640H393MUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C3640H393MVGWCTU KEMET-C3640H393MVGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C3640H393MFGACTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com