Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQB60N03L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQB60N03L
Description  N-Channel Logic Level PWM Optimized Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB60N03L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQB60N03L Datasheet HTML 1Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 2Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 3Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 4Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 5Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 6Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 7Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 8Page - Fairchild Semiconductor FQB60N03L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FQB60N03L Rev. B
Typical Characteristic T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
10
20
30
40
50
60
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 5V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t , RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
10-5
10-4
10-3
10-2
10-1
100
101
40
700
t, PULSE WIDTH (s)
TC = 25
oC
I = I25
150 - TC
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 5V
VGS = 10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION


Similar Part No. - FQB60N03L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQB60N03L ISC-FQB60N03L Datasheet
287Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
More results

Similar Description - FQB60N03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB95N03L FAIRCHILD-FQB95N03L Datasheet
229Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
FQD45N03L FAIRCHILD-FQD45N03L Datasheet
269Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
FDD6680 FAIRCHILD-FDD6680 Datasheet
199Kb / 6P
   N-Channel Logic Level PWM Optimized PowerTrench??MOSFET
FDS4410 FAIRCHILD-FDS4410 Datasheet
241Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
FDS6812A FAIRCHILD-FDS6812A Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ_10 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894A FAIRCHILD-FDS6894A Datasheet
82Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6690 FAIRCHILD-FDS6690 Datasheet
203Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892AZ FAIRCHILD-FDS6892AZ Datasheet
78Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912_0007 FAIRCHILD-FDS6912_0007 Datasheet
76Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com