Electronic Components Datasheet Search |
|
C1206R225K5RACT100 Datasheet(PDF) 3 Page - Kemet Corporation |
|
C1206R225K5RACT100 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1075_X7R_HT_SMD • 3/30/2015 3 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade) Overview cont'd Concerned with flex cracks resulting from excessive stresses produced during board flexure and thermal cycling? These devices are available with KEMET's Flexible termination technology which inhibits the transfer of board stress to the rigid ceramic body, therefore mitigating flex cracks which can result in low IR or short circuit failures. Although flexible termination technology does not eliminate the potential for mechanical damage that may propagate during extreme environmental and handling conditions, it does provide superior flex performance over standard termination systems. KEMET’s High Temperature X7R surface mount MLCCs are manufactured in state of the art ISO/TS 16949:2009 certified facilities and are proven to function reliably in harsh, high temperature and high humidity, down-hole environments. Benefits • Operating temperature range of -55°C to +175°C • Voltage derating not required • Lead (Pb)-Free, RoHS and REACH compliant • Base metal electrode (BME) dielectric system • EIA 0402, 0603, 0805, 1206, 1210 and 1812 case sizes • DC voltage ratings of 16 V, 25 V, 50 V & 200 V • Capacitance offerings ranging from 2.7 nF to 3.3 µF • Available capacitance tolerances of ±5%, ±10% & ±20% • Non-polar device, minimizing installation concerns • 100% pure matte tin-plated termination finish allowing for excellent solderability • Flexible termination option available upon request Applications Typical applications include decoupling, bypass, filtering and transient voltage suppression in extreme environments such as down-hole exploration, aerospace engine compartments and geophysical probes. Application Notes X7R dielectric is not recommended for AC line filtering or pulse applications. Voltage derating of these capacitors is not required for application temperatures up to 175°C. Qualification/Certification High temperature Industrial grade products meet or exceed the requirements outlined Table 4, Performance & Reliability. Qualification packages are available upon request. |
Similar Part No. - C1206R225K5RACT100 |
|
Similar Description - C1206R225K5RACT100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |