Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT41316-30J4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLT41316-30J4
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316-30J4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLT41316-30J4 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT41316-30J4 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT41316-30J4 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT41316-30J4 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316-30J4 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316-30J4 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316-30J4 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316-30J4 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316-30J4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 5 -
DC and Operating Characteristics (1-2)
TA = 0
°C to 70°C, V
CC=5V
±10%, V
SS=0V, unless otherwise specified.
Sym.
Parameter
Test Conditions
Access
Time
Min.
Typ
Max. Unit Notes
ILI
Input Leakage Current
(any input pin)
0V
≤ V
IN
≤ 5.5V
(All other pins not under
test=0V)
-10
+10
µA
ILO
Output Leakage Current
(for High-Z State)
0V
≤ V
out
≤ 5.5V
Output is disabled (Hiz)
-10
+10
µA
ICC1
Operating Current,
Random READ/WRITE
tRC = tRC (min.)
tRAC = 30ns
tRAC = 35ns
tRAC = 40ns
tRAC = 45ns
180
170
160
150
mA
1,2
ICC2
Standby Current,(TTL)
RAS , CAS at VIH
other inputs
≥V
SS
4
mA
ICC3
Refresh Current,
RAS-Only
RAS cycling, CAS at
VIH
tRC = tRC (min.)
tRAC = 30ns
tRAC = 35ns
tRAC = 40ns
tRAC = 45ns
180
170
160
150
mA
2
ICC4
Operating Current,
EDO Page Mode
RAS at VIL, CAS ,
address cycling: tPC =
tPC(min.)
tRAC = 30ns
tRAC = 35ns
tRAC = 40ns
tRAC = 45ns
180
170
160
150
mA
1,2
ICC5
Refresh Current,
CAS Before RAS
RAS , CAS ,
address cycling:
tRC = tRC (min.)
tRAC = 30ns
tRAC = 35ns
tRAC = 40ns
tRAC = 45ns
180
170
160
150
mA
1
ICC6
Standby Current, (CMOS)
RAS
≥V
CC-0.2V,
CAS
≥V
CC-0.2V,
All other inputs
≥V
SS
2
mA
VIL
Input Low Voltage
-1
+0.8
V
3
VIH
Input High Voltage
2.4
VCC+1
V
3
VOL
Output Low Voltage
IOL = 4.2mA
0.4
V
VOH
Output High Voltage
IOH = -5mA
2.4
V
Notes:
1. ICC is dependent on output loading when the device output is selected. Specified ICC(max.) is measured with the
output open.
2. ICC is dependent upon the number of address transitions specified ICC(max.) is measured with a maximum of
one transition per address cycle in random Read/Write and Fast Page Mode.
3. Specified VIL(min.) is steady state operation. During transitions VIL(min.) may undershoot to -1.0V for a period not
to exceed 20ns. All AC parameters are measured with VIL(min.)
≥V
SS and VIH(max.)
≤V
CC.


Similar Part No. - GLT41316-30J4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT41316-30J4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com