Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812G225K2RACT100 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812G225K2RACT100
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812G225K2RACT100 Datasheet(HTML) 1 Page - Kemet Corporation

  C1812G225K2RACT100 Datasheet HTML 1Page - Kemet Corporation C1812G225K2RACT100 Datasheet HTML 2Page - Kemet Corporation C1812G225K2RACT100 Datasheet HTML 3Page - Kemet Corporation C1812G225K2RACT100 Datasheet HTML 4Page - Kemet Corporation C1812G225K2RACT100 Datasheet HTML 5Page - Kemet Corporation C1812G225K2RACT100 Datasheet HTML 6Page - Kemet Corporation C1812G225K2RACT100 Datasheet HTML 7Page - Kemet Corporation C1812G225K2RACT100 Datasheet HTML 8Page - Kemet Corporation C1812G225K2RACT100 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1075_X7R_HT_SMD • 3/30/2015
1
One world. One KEMET
Overview
KEMET’s High Temperature X7R Dielectric capacitors are
formulated and designed for extreme temperature applications.
Constructed of a robust and proprietary base metal electrode
(BME) dielectric system, these devices are capable of reliable
operation in temperatures up to 175°C. Providing an attractive
combination of performance and robustness in general high
temperature applications, High Temperature X7R dielectric
capacitors are well suited for high temperature bypass and
decoupling applications or frequency discriminating circuits
where Q and stability of capacitance characteristics are not
critical. They exhibit a predictable change in capacitance with
respect to time, voltage and temperature up to 175°C.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC
(Industrial Grade)
Ordering Information
C
1210
R
225
K
3
R
A
C
T050
Ceramic Case Size
1
(L" x W")
Specification/
Series1
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric Failure Rate/
Design
Termination
Finish
Packaging/Grade (C-Spec)2
0402
0603
0805
1206
1210
1812
G = 175°C
with standard
termination
R = 175°C
w/ Flexible
Termination
First two digits
represent
significant
figures. Third
digit specifies
number of
zeros.
J = ±5%
K = ±10%
M = ±20%
4 = 16
3 = 25
5 = 50
2 = 200
R = X7R
A = N/A
C = 100%
Matte Sn
Blank = Bulk
7292 = Waffle Pack/Tray
TU = 7" Reel - Unmarked
(full reel quantity)
T050 = 50 pieces/7" Reel -
Unmarked
T100 = 100 pieces/7" Reel -
Unmarked
T250 = 250 pieces/7" Reel -
Unmarked
T500 = 500 pieces/7" Reel -
Unmarked
T1K0 = 1,000 pieces/Reel -
Unmarked
1
Flexible termination option is only available in 0603 (1608 metric) and larger case sizes.
2
Reeling quantities are dependent upon chip size and thickness dimension. When ordering using the "T1K0" packaging option, 1812 case size devices with
chip thickness of ≥ 1.9 mm (nominal) may be shipped on multiple 7" reels or a single 13" reel. The term "Unmarked" pertains to laser marking of components.
All packaging options labeled as "Unmarked" will contain capacitors that have not been laser marked. Additional reeling or packaging options may be available.
Contact KEMET for details.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1812G225K2RACT100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C100CCGAC KEMET-C1812C100CCGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1812C100CCRAC KEMET-C1812C100CCRAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1812C100CDGAC KEMET-C1812C100CDGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1812C100CDRAC KEMET-C1812C100CDRAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1812C100CFGAC KEMET-C1812C100CFGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C1812G225K2RACT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com