Electronic Components Datasheet Search |
|
C1812R225J4RACT250 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C1812R225J4RACT250 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1075_X7R_HT_SMD • 3/30/2015 1 One world. One KEMET Overview KEMET’s High Temperature X7R Dielectric capacitors are formulated and designed for extreme temperature applications. Constructed of a robust and proprietary base metal electrode (BME) dielectric system, these devices are capable of reliable operation in temperatures up to 175°C. Providing an attractive combination of performance and robustness in general high temperature applications, High Temperature X7R dielectric capacitors are well suited for high temperature bypass and decoupling applications or frequency discriminating circuits where Q and stability of capacitance characteristics are not critical. They exhibit a predictable change in capacitance with respect to time, voltage and temperature up to 175°C. Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade) Ordering Information C 1210 R 225 K 3 R A C T050 Ceramic Case Size 1 (L" x W") Specification/ Series1 Capacitance Code (pF) Capacitance Tolerance Rated Voltage (VDC) Dielectric Failure Rate/ Design Termination Finish Packaging/Grade (C-Spec)2 0402 0603 0805 1206 1210 1812 G = 175°C with standard termination R = 175°C w/ Flexible Termination First two digits represent significant figures. Third digit specifies number of zeros. J = ±5% K = ±10% M = ±20% 4 = 16 3 = 25 5 = 50 2 = 200 R = X7R A = N/A C = 100% Matte Sn Blank = Bulk 7292 = Waffle Pack/Tray TU = 7" Reel - Unmarked (full reel quantity) T050 = 50 pieces/7" Reel - Unmarked T100 = 100 pieces/7" Reel - Unmarked T250 = 250 pieces/7" Reel - Unmarked T500 = 500 pieces/7" Reel - Unmarked T1K0 = 1,000 pieces/Reel - Unmarked 1 Flexible termination option is only available in 0603 (1608 metric) and larger case sizes. 2 Reeling quantities are dependent upon chip size and thickness dimension. When ordering using the "T1K0" packaging option, 1812 case size devices with chip thickness of ≥ 1.9 mm (nominal) may be shipped on multiple 7" reels or a single 13" reel. The term "Unmarked" pertains to laser marking of components. All packaging options labeled as "Unmarked" will contain capacitors that have not been laser marked. Additional reeling or packaging options may be available. Contact KEMET for details. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C1812R225J4RACT250 |
|
Similar Description - C1812R225J4RACT250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |