Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT811RTBI-T10 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT811RTBI-T10
Description  4-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT811RTBI-T10 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT811RTBI-T10 Datasheet HTML 1Page - Catalyst Semiconductor CAT811RTBI-T10 Datasheet HTML 2Page - Catalyst Semiconductor CAT811RTBI-T10 Datasheet HTML 3Page - Catalyst Semiconductor CAT811RTBI-T10 Datasheet HTML 4Page - Catalyst Semiconductor CAT811RTBI-T10 Datasheet HTML 5Page - Catalyst Semiconductor CAT811RTBI-T10 Datasheet HTML 6Page - Catalyst Semiconductor CAT811RTBI-T10 Datasheet HTML 7Page - Catalyst Semiconductor CAT811RTBI-T10 Datasheet HTML 8Page - Catalyst Semiconductor CAT811RTBI-T10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
CAT811, CAT812
Patent Pending
Doc. No. 3005, Rev. P
PIN DESCRIPTIONS
Pin Number
CAT811
CAT812
1
1
GND
Ground
2
RESET
Active LOW reset.
RESET is asserted if VCC falls below the reset threshold
and remains low for at least 140ms after VCC rises above the reset threshold.
2
RESET
Active HIGH reset. RESET is asserted if VCC falls below the reset
threshold and remains high for at least 140ms after VCC rises above
the reset threshold.
33
MR
Manual Reset Input. A logic LOW on
MR asserts RESET. RESET remains
active as long as
MR is LOW and for 140ms after MR returns HIGH. The
active low input has an internal 20k
Ω pull-up resistor. The input should be left
open if not used. It can be driven by TTL or CMOS logic or shorted to ground
by a switch.
44
VCC
Power supply voltage that is monitored.
Name
Description


Similar Part No. - CAT811RTBI-T10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811RTBI-T10 CATALYST-CAT811RTBI-T10 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811RTBI-T10 ONSEMI-CAT811RTBI-T10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
More results

Similar Description - CAT811RTBI-T10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com