Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812G225K4RACT250 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1812G225K4RACT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812G225K4RACT250 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1812G225K4RACT250 Datasheet HTML 2Page - Kemet Corporation C1812G225K4RACT250 Datasheet HTML 3Page - Kemet Corporation C1812G225K4RACT250 Datasheet HTML 4Page - Kemet Corporation C1812G225K4RACT250 Datasheet HTML 5Page - Kemet Corporation C1812G225K4RACT250 Datasheet HTML 6Page - Kemet Corporation C1812G225K4RACT250 Datasheet HTML 7Page - Kemet Corporation C1812G225K4RACT250 Datasheet HTML 8Page - Kemet Corporation C1812G225K4RACT250 Datasheet HTML 9Page - Kemet Corporation C1812G225K4RACT250 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1075_X7R_HT_SMD • 3/30/2015
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade)
Table 1 – Capacitance Range/Selection Waterfall (0402 – 1812 Case Sizes)
Capacitance Cap Code
Case Size/
Series
C0402G
C0603G/R C0805G/R C1206G/R C1210G/R
C1812G/R
Voltage Code
4
3
5
1
3
5
1
3
5
1
3
5
1
3
5
1
3
5
1
2
Rated Voltage
(VDC)
16
25
50
100
25
50
100
25
50
100
25
50
100
25
50
100
25
50
100 200
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
2700 pF
272
J
K
M
BB
BB
BB
3300 pF
332
J
K
M
BB
BB
BB
3900 pF
392
J
K
M
BB
BB
BB
4700 pF
472
J
K
M
BB
BB
BB
5600 pF
562
J
K
M
BB
BB
BB
6800 pF
682
J
K
M
BB
BB
BB
8200 pF
822
J
K
M
BB
BB
BB
10000 pF
103
J
K
M
BB
BB
BB
12000 pF
123
J
K
M
BB
BB
15000 pF
153
J
K
M
BB
BB
18000 pF
183
J
K
M
BB
BB
CF
CF
22000 pF
223
J
K
M
BB
BB
CF
CF
27000 pF
273
J
K
M
CF
CF
33000 pF
333
J
K
M
CF
CF
39000 pF
393
J
K
M
CF
CF
47000 pF
473
J
K
M
BB
CF
CF
DN
DN
56000 pF
563
J
K
M
CF
CF
DN
DN
GN GN GN GN
68000 pF
683
J
K
M
CF
CF
DN
DN
82000 pF
823
J
K
M
CF
CF
DN
DN
0.1 µF
104
J
K
M
CF
CF
DN
DN
ED
ED
GM GM GM GM
0.12 µF
124
J
K
M
CF
DP
DP
ED
ED
0.15 µF
154
J
K
M
CF
DP
DP
ED
ED
0.18 µF
184
J
K
M
DF
DF
ED
ED
FE
FE
0.22 µF
224
J
K
M
DG
DG
EP
EP
FE
FE
GB
GB
0.27 µF
274
J
K
M
DG
DG
EP
EP
FF
FF
GB
GB
0.33 µF
334
J
K
M
DP
EJ
EJ
FF
FF
GB
GB
0.39 µF
394
J
K
M
DP
EJ
EJ
FG
FG
GB
GB
0.47 µF
474
J
K
M
DG
EJ
EJ
FG
FG
GB
GB
0.56 µF
564
J
K
M
DG
EP
FH
FH
GB
GB
0.68 µF
684
J
K
M
DG
EJ
FM
FM
GC GC
0.82 µF
824
J
K
M
EJ
FK
FK
GE
GE
1 µF
105
J
K
M
EJ
FK
FK
GG GG
1.2 µF
125
J
K
M
FH
GJ
GJ
1.5 µF
155
J
K
M
FM
GL
GL
1.8 µF
185
J
K
M
FK
GE
2.2 µF
225
J
K
M
FK
GG
2.7 µF
275
J
K
M
GJ
3.3 µF
335
J
K
M
GL
Capacitance
Cap Code
Rated Voltage
(VDC)
16
25
50
100
25
50
100
25
50
100
25
50
100
25
50
100
25
50
100 200
Voltage Code
4
3
5
1
3
5
1
3
5
1
3
5
1
3
5
1
3
5
1
2
Case Size/
Series
C0402G
C0603G/R
C0805G/R
C1206G/R
C1210G/R
C1812G/R


Similar Part No. - C1812G225K4RACT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C100CCGAC KEMET-C1812C100CCGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1812C100CCRAC KEMET-C1812C100CCRAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1812C100CDGAC KEMET-C1812C100CDGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1812C100CDRAC KEMET-C1812C100CDRAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1812C100CFGAC KEMET-C1812C100CFGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C1812G225K4RACT250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com