Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM76U256CLLE Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GM76U256CLLE
Description  32K x8 bit 3.0V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM76U256CLLE Datasheet(HTML) 4 Page - Hynix Semiconductor

  GM76U256CLLE Datasheet HTML 1Page - Hynix Semiconductor GM76U256CLLE Datasheet HTML 2Page - Hynix Semiconductor GM76U256CLLE Datasheet HTML 3Page - Hynix Semiconductor GM76U256CLLE Datasheet HTML 4Page - Hynix Semiconductor GM76U256CLLE Datasheet HTML 5Page - Hynix Semiconductor GM76U256CLLE Datasheet HTML 6Page - Hynix Semiconductor GM76U256CLLE Datasheet HTML 7Page - Hynix Semiconductor GM76U256CLLE Datasheet HTML 8Page - Hynix Semiconductor GM76U256CLLE Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GM76U256C Series
Rev 02 / Apr. 2001
3
DC CHARACTERISTICS
Vcc = 3.0V
±10%, TA = 0°C to 70°C (Normal)/-25°C to 85°C (Extended), unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ILI
Input Leakage Current
Vss < VIN < Vcc
-1
-
1
uA
ILO
Output Leakage Current
Vss < VOUT < Vcc, /CS = VIH or
/
OE = VIH or /WE = VIL
-1
-
1
uA
Icc
Operating Power Supply
Current
/CS = VIL,
VIN = VIH or VIL, II/O = 0mA
-
-
2
mA
ICC1
Average Operating Current
/CS = VIL, VIN = VIH or VIL,
Min. Duty Cycle = 100%, II/O = 0mA
-
-
30
mA
ICC2
Average Operating Current
/CS = VIL, VIN = VIH or VIL,
Cycle = 1us , II/O = 0mA
-
-
5
mA
ISB
TTL Standby Current
(TTL Inputs)
/CS= VIH,
VIN = VIH or VIL
-
-
0.3
mA
ISB1
CMOS Standby Current
/CS > Vcc - 0.2V
L
-
-
20
uA
(CMOS Inputs)
VIN > Vcc - 0.2V or
LL
-
-
10
uA
VIN < Vss + 0.2V
LE
-
-
30
uA
LLE
-
-
15
uA
VOL
Output Low Voltage
IOL = 2.1mA
-
-
0.4
V
VOH
Output High Voltage
IOH = -1.0mA
2.4
-
-
V
Note : Typical values are at Vcc =3.0V, TA = 25
°C
AC CHARACTERISTICS(I)
Vcc = 3.0V
±10%, TA = 0°C to 70°C (Normal) / -25°C to 85°C (Extended) unless otherwise specified.
-10
-12
Min.
Max.
Min
Max.
1
tRC
Read Cycle Time
100
-
120
-
ns
2
tAA
Address Access Time
-
100
-
120
ns
3
tACS
Chip Select Access Time
-
100
-
120
ns
4
tOE
Output Enable to Output Valid
-
50
-
60
ns
5
tCLZ
Chip Select to Output in Low Z
10
-
10
-
ns
6
tOLZ
Output Enable to Output in Low Z
5
-
5
-
ns
7
tCHZ
Chip Disable to Output in High Z
0
35
0
40
ns
8
tOHZ
Out Disable to Output in High Z
0
35
0
40
ns
9
tOH
Output Hold from Address Change
15
-
15
-
ns
10
tWC
Write Cycle Time
100
-
120
-
ns
11
tCW
Chip Selection to End of Write
80
-
100
-
ns
12
tAW
Address Valid to End of Write
80
-
100
-
ns
13
tAS
Address Set-up Time
0
-
0
-
ns
14
tWP
Write Pulse Width
70
-
85
-
ns
15
tWR
Write Recovery Time
0
-
0
-
ns
16
tWHZ
Write to Output in High Z
0
30
0
40
ns
17
tDW
Data to Write Time Overlap
40
-
50
-
ns
18
tDH
Data Hold from Write Time
0
-
0
-
ns
19
tOW
Output Active from End of Write
10
-
10
-
ns
READ CYCLE
Symbol
Parameter
#
Unit
WRITE CYCLE


Similar Part No. - GM76U256CLLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7630 ETC-GM7630 Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630 Datasheet
1Mb / 1P
   Multi-output Regulators
GM7630 GAMMA-GM7630 Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
logo
List of Unclassifed Man...
GM7630SIP10T ETC-GM7630SIP10T Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7630SIP10T GAMMA-GM7630SIP10T Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
More results

Similar Description - GM76U256CLLE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
logo
List of Unclassifed Man...
UC62WV0256 ETC-UC62WV0256 Datasheet
465Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com