Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKSR6-NP Datasheet(PDF) 7 Page - LEM

Part # CKSR6-NP
Description  Current Transducer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CKSR6-NP Datasheet(HTML) 7 Page - LEM

Back Button CKSR6-NP Datasheet HTML 3Page - LEM CKSR6-NP Datasheet HTML 4Page - LEM CKSR6-NP Datasheet HTML 5Page - LEM CKSR6-NP Datasheet HTML 6Page - LEM CKSR6-NP Datasheet HTML 7Page - LEM CKSR6-NP Datasheet HTML 8Page - LEM CKSR6-NP Datasheet HTML 9Page - LEM CKSR6-NP Datasheet HTML 10Page - LEM CKSR6-NP Datasheet HTML 11Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Page 7/19
22March 2013/version 9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CKSR series
Electrical data CKSR 50-NP
At T
A = 25 °C, UC = + 5 V, NP = 1 turn, RL = 10 kΩ internal reference unless otherwise noted (see Min, Max, typ. definition paragraph
in page 13).
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal rms current
I
PN
A
50
Apply derating according
to fig. 28
Primary current, measuring range
I
PM
A
-150
150
Number of primary turns
N
P
1,2,3,4
Supply voltage
U
C
V
4.75
5
5.25
Current consumption
I
C
mA
)
(
N
mA
I
S
p
15 +
)
(
N
mA
I
S
p
20 +
N
S = 966 turns
Reference voltage @ I
P = 0 A
V
ref
V
2.495
2.5
2.505
Internal reference
External reference voltage
V
ref
V
0
4
Output voltage
V
out
V
0.375
4.625
Output voltage @ I
P = 0 A
V
out
V
V
ref
Electrical offset voltage
V
OE
mV
-0.725
0.725
100% tested
V
out - Vref
Electrical offset current
referred to primary
I
OE
mA
-58
58
100% tested
Temperature coefficient of V
REF
TCV
REF
ppm/K
±5
±50
Internal reference
Temperature coefficient of V
out
@ I
P = 0 A
TCV
out
ppm/K
±0.7
±3
ppm/K of 2.5 V
-40 °C .. 105 °C
(at ± 6 Sigma)
Theoretical sensitivity
G
th
mV/A
12.5
625 mV/ I
PN
Sensitivity error
ε
G
%
-0.7
0.7
100% tested
Temperature coefficient of G
TCG
ppm/K
±40
-40 °C .. 105 °C
Linearity error
ε
L
% of I
PN
-0.1
0.1
Magnetic offset current (10 × I
PN)
referred to primary
I
OM
A
-0.1
0.1
Output rms current noise (spectral
density) 100 Hz .. 100 kHz referred
to primary
I
no
µA/Hz½
20
R
L = 1 kΩ
Peak-peak output ripple at oscillator
frequency f = 450 kHz (typ.)
-
mV
5
20
R
L = 1 kΩ
Reaction time @ 10 % of I
PN
t
ra
µs
0.3
R
L = 1 kΩ, di/dt = 100 A/µs
Step response time to 90 % of I
PN
t
r
µs
0.3
R
L = 1 kΩ, di/dt = 100 A/µs
Frequency bandwidth (± 1 dB)
BW
kHz
200
R
L = 1 kΩ
Frequency bandwidth (± 3 dB)
BW
kHz
300
R
L = 1 kΩ
Overall accuracy
X
G
% of I
PN
0.9
Overall accuracy @ T
A = 85 °C
(105 °C)
X
G
% of I
PN
1.2 (1.3)
Accuracy
X
% of I
PN
0.8
Accuracy @ T
A = 85 °C (105 °C)
X
% of I
PN
1.1 (1.3)


Similar Part No. - CKSR6-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
logo
List of Unclassifed Man...
CKSRYB104K16 ETC1-CKSRYB104K16 Datasheet
4Mb / 46P
   Pioneer BA49183 RDS MEDIA CENTER RECEIVER
CKSRYB105K10 ETC1-CKSRYB105K10 Datasheet
4Mb / 46P
   Pioneer BA49183 RDS MEDIA CENTER RECEIVER
More results

Similar Description - CKSR6-NP

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com