Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4200 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL4200
Description  Optically Coupled 20 mA Current Loop Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4200 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL4200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1-329
Notes:
1.
≤ 1 µs pulse width, 300 pps.
2. Derate linearly above 70°C free air
temperature at a rate of 1.6 mW/ °C.
Proper application of the derating
factors will prevent IC junction
temperatures from exceeding 125°C
for ambient temperatures up to 85°C.
3. Derate linearly above 70°C free air
temperature at a rate of 3.8 mW/ °C.
4. Derate linearly above 70°C free air
temperature at a rate of 4.6 mW/ °C.
5. Duration of output short circuit time
shall not exceed 10 ms.
6. The device is considered a two
terminal device, pins 1, 2, 3, and 4
are connected together and pins 5, 6,
7, and 8 are connected together.
7. The tPLH propagation delay is
measured from the 10 mA level on
the leading edge of the input pulse to
the 1.3 V level on the leading edge of
the output pulse.
8. The tPHL propagation delay is
measured from the 10 mA level on
the trailing edge of the input pulse to
the 1.3 V level on the trailing edge of
the output pulse.
9. The rise time, tr, is measured from the
10% to the 90% level on the rising
edge of the output logic pulse.
10. The fall time, tf, is measured from the
90% to the 10% level on the falling
edge of the output logic pulse.
11. Common mode transient immunity in
the logic high level is the maximum
(negative) dVCM/dt on the trailing
edge of the common mode pulse,
VCM, which can be sustained with the
output voltage in the logic high state
(i.e., VO ≥ 2 V).
12. Common mode transient immunity in
the logic low level is the maximum
(positive) dVCM/dt on the leading
edge of the common mode pulse,
VCM, which can be sustained with the
output voltage in the logic low state
(i.e., VO ≤ 0.8 V).
13. Use of a 0.1 µF bypass capacitor
connected between pins 5 and 8 is
recommended.
14. In accordance with UL 1577, each
optocoupler momentary withstand is
proof tested by applying an insulation
test voltage
≥ 3000 V rms for 1
second (leakage detection current
limit, Ii-o ≤ 5 µA).
Figure 5. Typical Input Voltage vs.
Temperature.
Figure 6. Typical Logic Low Output
Voltage vs. Temperature.
Figure 7. Typical Logic High Output
Current vs. Temperature.
Figure 2. Typical Output Voltage vs.
Loop Current.
Figure 3. Typical Current Switching
Threshold vs. Temperature.
Figure 4. Typical Input Loop Voltage
vs. Input Current.


Similar Part No. - HCPL4200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com