Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBR20S45SBR Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR20S45SBR
Description  High frequency switch power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR20S45SBR Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR20S45SBR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20S45SBR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20S45SBR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20S45SBR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20S45SBR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20S45SBR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
HBR20S45S
版本(Rev):201504A
2/6
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
Parameter
Symbol
Value
单 位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
45
V
最大直流阻断电压
Maximum DC blocking voltage
VDC
45
V
正向平均整流电流
Average forward current
TC=150℃
IF(AV)
20
A
正向峰值浪涌电流
Surge non repetitive
forward current
(额定负载 8.3ms 半正弦波—按 JEDEC 方法)
8.3 ms single half-sine-wave (JEDEC Method)
IFSM
275
A
最高结温
Maximum junction temperature
Tj
175
储存温度
Storage temperature range
TSTG
-40~+150
电特性 ELECTRICAL CHARACTERISTICS
热特性 THERMAL CHARACTERISTICS
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
单 位
Unit
结到管壳的热阻
Thermal resistance from
junction to case
TO-220
TO-262
Rth(j-c)
1.7
1.7
/W
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
Tj =25℃
25
µA
IR
Tj =125℃
VR=VRRM
5
mA
Tj =25℃
0.56
0.58
V
Tj =125℃
IF=10A
0.46
0.50
V
Tj =25℃
0.62
0.68
V
VF
Tj =125℃
IF=20A
0.56
0.60
V


Similar Part No. - HBR20S45SBR

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45B JSMC-HBR20S45B Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45BR JSMC-HBR20S45BR Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45Z JSMC-HBR20S45Z Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45ZR JSMC-HBR20S45ZR Datasheet
290Kb / 6P
   High frequency switch power supply
More results

Similar Description - HBR20S45SBR

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
HBR4045 JSMC-HBR4045 Datasheet
446Kb / 8P
   High frequency switch power supply
HBR20100D JSMC-HBR20100D Datasheet
783Kb / 10P
   High frequency switch power supply
HBR10100S JSMC-HBR10100S Datasheet
665Kb / 10P
   High frequency switch power supply
HBR20100U JSMC-HBR20100U Datasheet
325Kb / 7P
   High frequency switch power supply
HBR20100C JSMC-HBR20100C Datasheet
598Kb / 10P
   High frequency switch power supply
MBR4045 JSMC-MBR4045 Datasheet
316Kb / 8P
   High frequency switch power supply
logo
Micro Linear Corporatio...
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
   High Frequency Power Supply Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com