Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO15-NP-SP1010 Datasheet(PDF) 7 Page - LEM

Part # HO15-NP-SP1010
Description  Current Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NP-SP1010 Datasheet(HTML) 7 Page - LEM

Back Button HO15-NP-SP1010 Datasheet HTML 3Page - LEM HO15-NP-SP1010 Datasheet HTML 4Page - LEM HO15-NP-SP1010 Datasheet HTML 5Page - LEM HO15-NP-SP1010 Datasheet HTML 6Page - LEM HO15-NP-SP1010 Datasheet HTML 7Page - LEM HO15-NP-SP1010 Datasheet HTML 8Page - LEM HO15-NP-SP1010 Datasheet HTML 9Page - LEM HO15-NP-SP1010 Datasheet HTML 10Page - LEM HO15-NP-SP1010 Datasheet HTML 11Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Page 7/16
18February2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NP-0000 SERIES
Typical performance characteristics I
PN = 8 A
Figure 1: Linearity error
Figure 2: Frequency response
Figure 3: Step response
Figure 4: dv/dt
Figure 5: Output noise
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-10
-8
-6
-4
-2
0
2
4
6
8
10
Primary current (A)
Linearity error HO 8-NP
-180
-120
-60
0
60
120
180
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
10
100
1000
10000
100000
1000000
Frequency [Hz]
Frequency characteristics
Gain [0 dB at 50 Hz]
Spec
Phase
20 mV/div
Vout
Ip
2 µs/div
Vout
Ip
1 µs/div


Similar Part No. - HO15-NP-SP1010

ManufacturerPart #DatasheetDescription
logo
LEM
HO15-NP-SP1010 LEM-HO15-NP-SP1010 Datasheet
2Mb / 15P
   Current Transducer
More results

Similar Description - HO15-NP-SP1010

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com