Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138DWQ-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BSS138DWQ-7
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138DWQ-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  BSS138DWQ-7 Datasheet HTML 1Page - Diodes Incorporated BSS138DWQ-7 Datasheet HTML 2Page - Diodes Incorporated BSS138DWQ-7 Datasheet HTML 3Page - Diodes Incorporated BSS138DWQ-7 Datasheet HTML 4Page - Diodes Incorporated BSS138DWQ-7 Datasheet HTML 5Page - Diodes Incorporated BSS138DWQ-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BSS138DWQ
Document number: DS38849 Rev. 1 - 2
5 of 6
www.diodes.com
April 2016
© Diodes Incorporated
BSS138DWQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT363
SOT363
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
1.00
b
0.10
0.30
0.25
c
0.10
0.22
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
F
0.40
0.45
0.425
L
0.25
0.40
0.30
a
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT363
Dimensions
Value
(in mm)
C
0.650
G
1.300
X
0.420
Y
0.600
Y1
2.500
e
D
L
E1
b
E
F
A2
A1
c
a
Y1
G
Y
X
C


Similar Part No. - BSS138DWQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS138DW DIODES-BSS138DW Datasheet
58Kb / 1P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30203 Rev. B-2
BSS138DW DIODES-BSS138DW Datasheet
105Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30203 Rev. 8 - 2
BSS138DW DIODES-BSS138DW Datasheet
115Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev. 12 - 2 September 2009
logo
Nanjing International G...
BSS138DW DGNJDZ-BSS138DW Datasheet
2Mb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
BSS138DW DGNJDZ-BSS138DW Datasheet
2Mb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

Similar Description - BSS138DWQ-7

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com