Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG2301LK-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMG2301LK-13
Description  Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG2301LK-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMG2301LK-13 Datasheet HTML 1Page - Diodes Incorporated DMG2301LK-13 Datasheet HTML 2Page - Diodes Incorporated DMG2301LK-13 Datasheet HTML 3Page - Diodes Incorporated DMG2301LK-13 Datasheet HTML 4Page - Diodes Incorporated DMG2301LK-13 Datasheet HTML 5Page - Diodes Incorporated DMG2301LK-13 Datasheet HTML 6Page - Diodes Incorporated DMG2301LK-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMG2301LK
Document number: DS38438 Rev. 2 - 2
4 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMG2301LK
0.05
0.1
0.15
0.2
0.25
0.3
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS = -4.5V, ID = -1.0A
V
GS = -2.5V, ID = -1.0A
0
1
2
3
4
5
0
0.3
0.6
0.9
1.2
1.5
VSD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
J = 125
oC
T
J = 85
oC
T
J = 25
oC
T
J = -55
oC
V
GS = 0V
T
J = 150
oC
10
100
1000
0
5
10
15
20
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
1
2
3
4
Qg (nC)
Figure 11. Gate Charge
V
DS = -6V, ID = -2.2A
0.01
0.1
1
10
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =10s
P
W =10ms
P
W =100µs
DC
R
DS(ON) Limited
P
W =1ms
P
W =100ms
T
J(Max) = 150℃ TC = 25℃
Single Pulse
DUT on 1*MRP Board
V
GS= -4.5V
P
W =1s
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = -250μA
I
D = -1mA


Similar Part No. - DMG2301LK-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG2301L DIODES-DMG2301L Datasheet
532Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
DMG2301L TECHPUBLIC-DMG2301L Datasheet
11Mb / 6P
   P-Channel Enhancement-Mode MOS FETs
logo
Diodes Incorporated
DMG2301L-13 DIODES-DMG2301L-13 Datasheet
532Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG2301L-7 DIODES-DMG2301L-7 Datasheet
532Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG2301LK-13

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com