Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG3418L-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG3418L-13
Description  Low On-Resistance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG3418L-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG3418L-13 Datasheet HTML 1Page - Diodes Incorporated DMG3418L-13 Datasheet HTML 2Page - Diodes Incorporated DMG3418L-13 Datasheet HTML 3Page - Diodes Incorporated DMG3418L-13 Datasheet HTML 4Page - Diodes Incorporated DMG3418L-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMG3418L
Document number: DS36366 Rev. 3 - 2
2 of 5
www.diodes.com
March 2014
© Diodes Incorporated
DMG3418L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 5)
TA = +25°C
TA = +70°C
ID
4.0
3.1
A
Drain Current (Note 6)
Pulsed
IDM
15
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
TA = +70°C
PD
1.4
0.9
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
90
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 30V, VGS = 0V
Gate-Body Leakage
IGSS
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.5
1.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
25
30
50
60
70
150
m
Ω
VGS = 10V, ID = 4A
VGS = 4.5V, ID = 3A
VGS = 2.5V, ID = 2A
Source-Drain Diode Forward Voltage
VSD
1.2
V
VGS = 0V, IS = 2.0A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
464.3
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
49.5
pF
Reverse Transfer Capacitance
Crss
43.8
pF
Total Gate Charge
Qg
5.5
nC
VGS = 4.5V, VDS = 15V,
ID = 4A
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
1.8
Turn-On Delay Time
tD(on)
1.9
ns
VDD = 15V, VGEN = 10V,
RGEN = 3Ω, RL = 3.75Ω
Turn-On Rise Time
tr
1.6
ns
Turn-Off Delay Time
tD(off)
10.3
ns
Turn-Off Fall Time
tf
2.0
ns
Notes:
5. Device mounted on FR-4 PCB with 2oz. Copper and test pulse width t ≤ 10s.
6. Repetitive rating, pulse width limited by junction temperature.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMG3418L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG3418L-13 DIODES-DMG3418L-13 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG3418L-13

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com