Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F002TT-90 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY29F002TT-90
Description  2 Megabit (256K x 8), 5 Volt-only, Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F002TT-90 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY29F002TT-90 Datasheet HTML 2Page - Hynix Semiconductor HY29F002TT-90 Datasheet HTML 3Page - Hynix Semiconductor HY29F002TT-90 Datasheet HTML 4Page - Hynix Semiconductor HY29F002TT-90 Datasheet HTML 5Page - Hynix Semiconductor HY29F002TT-90 Datasheet HTML 6Page - Hynix Semiconductor HY29F002TT-90 Datasheet HTML 7Page - Hynix Semiconductor HY29F002TT-90 Datasheet HTML 8Page - Hynix Semiconductor HY29F002TT-90 Datasheet HTML 9Page - Hynix Semiconductor HY29F002TT-90 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
Rev. 4.1/May 01
HY29F002T
Table 3. HY29F002T Bus Operations Requiring High Voltage 1, 2
Notes:
1. L = V
IL, H = VIH, X = Don’t Care.
See DC Characteristics for voltage levels.
2. Address bits not specified are Don’t Care.
3. See text for additional information.
4. SA = sector address. See Table 1.
n
o
i
t
a
r
e
p
O
3
#
E
C
#
E
O
#
E
W
#
T
E
S
E
R
]
3
1
:
7
1
[
A
]
9
[
A
]
6
[
A
]
1
[
A
]
0
[
A
]
0
:
7
[
Q
D
t
c
e
t
o
r
P
r
o
t
c
e
SL
V
D
I
XH
A
S 4
V
D
I
XXX
X
t
c
e
t
o
r
p
n
U
r
o
t
c
e
SV
D
I
V
D
I
XH
X
V
D
I
XXX
X
r
o
t
c
e
S
y
r
a
r
o
p
m
e
T
t
c
e
t
o
r
p
n
U
XXX
V
D
I
X
XXXX
X
e
d
o
C
r
e
r
u
t
c
a
f
u
n
a
ML
L
H
H
X
V
D
I
LLL
D
A
x
0
e
d
o
C
e
c
i
v
e
DL
L
H
H
X
V
D
I
LL
H
0
B
x
0
r
o
t
c
e
S
n
o
i
t
c
e
t
o
r
P
n
o
i
t
a
c
i
f
i
r
e
V
d
e
t
c
e
t
o
r
p
n
U
LL
H
H
A
S 4
V
D
I
LH
L
0
0
x
0
d
e
t
c
e
t
o
r
P
1
0
x
0
The ‘Device Commands’ section of this document
provides details on the specific device commands
implemented in the HY29F002T.
Output Disable Operation
When the OE# input is at V
IH, output data from the
device is disabled and the data bus pins are placed
in the high impedance state.
Standby Operation
When the system is not reading from or writing to
the HY29F002T, it can place the device in the
Standby mode. In this mode, current consump-
tion is greatly reduced, and the data bus outputs
are placed in the high impedance state, indepen-
dent of the OE# input. The Standby mode can
invoked using two methods.
The device enters the CE# CMOS Standby mode
if the CE# and RESET# pins are both held at V
CC
± 0.5V. Note that this is a more restricted voltage
range than V
IH. If both CE# and RESET# are held
High, but not within V
CC ± 0.5V, the device will be
in the CE# TTL Standby mode, but the standby
current will be greater.
The device enters the RESET# CMOS Standby
mode when the RESET# pin is held at V
SS ± 0.5V.
If RESET# is held Low but not within V
SS ± 0.5V,
the HY29F002T will be in the RESET# TTL
Standby mode, but the standby current will be
greater. See Hardware Reset Operation section
for additional information on the reset operation.
The device requires standard access time (t
CE) for
read access when the device is in either of the
standby modes, before it is ready to read data. If
the device is deselected during erasure or pro-
gramming, it continues to draw active current until
the operation is completed.
Hardware Reset Operation
The RESET# pin provides a hardware method of
resetting the device to reading array data. When
the RESET# pin is driven Low for the minimum
specified period, the device immediately termi-
nates any operation in progress, tri-states the data
bus pins, and ignores all read/write commands for
the duration of the RESET# pulse. The device also
resets the internal state machine to reading array
data. If an operation was interrupted by the as-
sertion of RESET#, it should be reinitiated once
the device is ready to accept another command
sequence to ensure data integrity.
Current is reduced for the duration of the RESET#
pulse as described in the Standby Operation sec-
tion above.
If RESET# is asserted during a program or erase
operation, the internal reset operation is completed
within a time of t
READY (during Automatic Algo-
rithms). The system can perform a read or write
operation after waiting for a minimum of t
READY or
until t
RH after the RESET# pin returns High, which-
ever is longer. If RESET# is asserted when a pro-
gram or erase operation is not executing, the re-


Similar Part No. - HY29F002TT-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
HY29F040AC-12 HYNIX-HY29F040AC-12 Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
HY29F040AC-12E HYNIX-HY29F040AC-12E Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
HY29F040AC-12I HYNIX-HY29F040AC-12I Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
HY29F040AC-15 HYNIX-HY29F040AC-15 Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
More results

Similar Description - HY29F002TT-90

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com