Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM15CC223C1C3 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NFM15CC223C1C3
Description  This product specification is applied to Chip EMIFIL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM15CC223C1C3 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button NFM15CC223C1C3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM15CC223C1C3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM15CC223C1C3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM15CC223C1C3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM15CC223C1C3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM15CC223C1C3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM15CC223C1C3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM15CC223C1C3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFM15CC223C1C3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Products can only be soldered with reflow.
This product is designed for solder mounting.
Please consult us in advance for applying other mounting method such as conductive adhesive.
1. Flux and Solder
2. Note for Assembling
< Points of Attention about NFM Pattern Forms>
The loaded stresses are different to a chip depend on PCB materials and structures.
When the chip will be mounted on the metal PCB contained alumina material, PCB heat expansion/contraction
will be a cause of chip cracks because the coefficients of thermal expressions are different between metal PCB
and the chip itself. In case of mounting 1005 or smaller size of NFM on single-layered glass epoxy board,
chip cracks will be occurred because of the same reason.
< Thermal Shock >
Pre-heating should be in such a way that the temperature difference between solder and products surface is limited
to 100°C max. Also cooling into solvent after soldering should be in such a way that the temperature difference is
limited to 100°C max.
3. Attention Regarding P.C.B. Bending
The following shall be considered when designing P.C.B.'s and laying out products.
(1) P.C.B. shall be designed so that products are not subject to the mechanical stress for board warpage.
[Products direction]
Products shall be located in the sideways
direction (Length:a<b) to the mechanical stress.
(2) Products location on P.C.B. near seam for separation.
Products (A,B,C,D) shall be located carefully so that products are
not subject to the mechanical stress due to warping the board.
Because they may be subjected the mechanical stress in order
of A>C>B≒D.
4. Pre-heating Temperature
Soldering shall be handled so that the difference between pre-heating temperature and solder temperature shall be
limited to 100°C max. to avoid the heat stress for the products.
5. Reflow Soldering
               
• Standard printing pattern of solder paste.
1) Soldering paste printing for reflow
• Standard thickness of solder paste: 100µm to 150µm.
• Use the solder paste printing pattern of the right pattern.
• For the resist and copper foil pattern, use standard land dimensions.
(in mm)
2) Soldering Conditions
Standard soldering profile and the limit soldering profile is as follows.
The excessive limit soldering conditions may cause leaching of the electrode and / or resulting in the deterioration of
product quality.
Notice
Seam
Slit
A
D
B
C
b
a
Length:ab
Limit Profile
Standard Profile
90s±30s
230°C
260°C
245°C±3°C
220°C
30s
60s
60s max.
180
150
Temp.
Time.(s)
(°C)
1.3
0.25
0.7
1.3
0.25
0.7
Flux
Use rosin-based flux, Do not use highly acidic flux (with chlorine content exceeding 0.2(wt)%).
Do not use water-soluble flux.
Other flux (except above) Please contact us for details, then use.
Solder
Use Sn-3.0Ag-0.5Cu solder
Use of Sn-Zn based solder will deteriorate performance of products.
In case of using Sn-Zn based solder, please contact Murata in advance.
Poor example
Good example
b
a
Standard Profile
Limit Profile
Pre-heating
150°C ~ 180°C , 90s ± 30s
Heating
above 220°C , 30s ~ 60s
above 230°C , 60s max.
Peak temperature
245°C ± 3°C
260°C , 10s
Cycle of reflow
2 times
2 times
JEMCPC-02243B
7


Similar Part No. - NFM15CC223C1C3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
More results

Similar Description - NFM15CC223C1C3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com