Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM15PC474D0G3 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NFM15PC474D0G3
Description  This product specification is applied to Chip EMIFIL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM15PC474D0G3 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NFM15PC474D0G3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM15PC474D0G3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM15PC474D0G3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM15PC474D0G3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM15PC474D0G3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM15PC474D0G3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM15PC474D0G3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM15PC474D0G3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFM15PC474D0G3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
12. Component Mounting
If low bottom dead point of the pick-up nozzle is too low, chip cracks will be occurred because an extra power will be
added to the chip during mounting. Therefore, the bottom dead point of pick-up nozzle must be set on/over the upper
surface of the PCB. Adjusting is required when the bottom dead point will be set by correcting board warp.
It is recommended that using the larger pick-up nozzle than chip length for avoiding what force impact will be centered
to the middle point of components. Before assembling, please confirm its mounting accuracy under the best condition.
13. Standard Land Dimensions
The chip EMI filter suppresses noise by conducting the high-frequency noise element to ground.
Therefore, to get enough noise reduction, feed through holes which is connected to ground-plane should be
arranged according to the figure to reinforce the ground-pattern.
In case of changing the land dimentions marked by ※, a solder bridge between terminations of the chip
could occur. In this case, please contact us before change.
< Standard land dimensions for reflow >
・Side on which chips are mounted
(in mm)
14. Storage condition
(1) Storage period
Use the products within 12 months after delivered.
Solderability should be checked if this period is exceeded.
(2) Storage environment condition
・Products should be stored in the warehouse on the following conditions.
Temperature: -10 to +40°C
Humidity: 15 to 85% relative humidity
No rapid change on temperature and humidity
・Don't keep products in corrosive gases such as sulfur, chlorine gas or acid, or it may cause oxidization of electrode,
resulting in poor solderability.
・Products should be stored on the palette for the prevention of the influence from humidity, dust and so on.
・Products should be stored in the warehouse without heat shock, vibration, direct sunlight and so on.
・Products should be stored under the airtight packaged condition.
(3) Delivery
Care should be taken when transporting or handling product to avoid excessive vibration or mechanical shock.
Notice
吸着ノズル投影線
吸着ノズル長手寸法
longer direction of
pick-up nozzle
shape of pick-up nozzle
吸着ノズル投影線
吸着ノズル長手寸法
longer direction of
pick-up nozzle
shape of pick-up nozzle
吸着ノズル
チップ搭載時の
吸着ノズル位置
吸着ノズルの設定下死点
×
pick-up nozzle
pick-up nozzle position
in component placing
position adjusting of
bottom dead point
吸着ノズル
チップ搭載時の
吸着ノズル位置
吸着ノズルの設定下死点
×
pick-up nozzle
pick-up nozzle position
in component placing
position adjusting of
bottom dead point
good
poor
JEMCPC-02243B
9


Similar Part No. - NFM15PC474D0G3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15PC474R0J3 MURATA-NFM15PC474R0J3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
More results

Similar Description - NFM15PC474D0G3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com