Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2305-1HDCI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT2305-1HDCI
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2305-1HDCI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT2305-1HDCI Datasheet HTML 2Page - Integrated Device Technology IDT2305-1HDCI Datasheet HTML 3Page - Integrated Device Technology IDT2305-1HDCI Datasheet HTML 4Page - Integrated Device Technology IDT2305-1HDCI Datasheet HTML 5Page - Integrated Device Technology IDT2305-1HDCI Datasheet HTML 6Page - Integrated Device Technology IDT2305-1HDCI Datasheet HTML 7Page - Integrated Device Technology IDT2305-1HDCI Datasheet HTML 8Page - Integrated Device Technology IDT2305-1HDCI Datasheet HTML 9Page - Integrated Device Technology IDT2305-1HDCI Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305
3.3VZERODELAYCLOCKBUFFER
TYPICAL DUTY CYCLE(1) AND IDD TRENDS(2)FOR IDT2305-1H
NOTES:
1. Duty Cycle is taken from typical chip measured at 1.4V.
2. IDD data is calculated from IDD = ICORE + nCVf, where ICORE is the unloaded current. (n = Number of outputs; C = Capacitance load per output (F); V = Supply Voltage (V);
f = Frequency (Hz))
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs VDD
(for 30pf loads over frequency - 3.3V, 25C)
33M Hz
66M H z
100M Hz
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
40
42
44
46
48
50
52
54
56
58
60
D uty C ycle vs V DD
(for 10pF loads over freque ncy - 3.3V, 25C )
33M H z
66M H z
100M H z
20
40
60
80
100
120
140
Frequency (MH z)
40
42
44
46
48
50
52
54
56
58
60
Duty C ycle vs Frequency
(for 30pf loads over temperature - 3.3V)
-40C
0C
25C
70C
85C
133M H z
20
40
60
80
100
120
140
Frequency (M H z)
40
42
44
46
48
50
52
54
56
58
60
D uty C ycle vs Fre quency
(for 10pF loads ove r tem perature - 3.3V)
-40C
0C
25C
70C
85C
02
4
6
8
N um ber of Loaded O utputs
0
20
40
60
80
100
120
140
IDD vs Number of Loaded Outputs
(for 30pf loads over frequency - 3.3V, 25C)
33M Hz
66M H z
100M Hz
02
4
6
8
Num ber of Loaded Outputs
0
20
40
60
80
100
120
140
IDD vs N u m ber of Loaded O utp uts
(for 10pF load s over frequency - 3.3V, 25C )
33M H z
66M H z
100M H z
160
160


Similar Part No. - IDT2305-1HDCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305-1HDCI IDT-IDT2305-1HDCI Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2305-1HDCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com