Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM21HC223R1H3 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NFM21HC223R1H3
Description  This product specification is applied to Chip EMIFIL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM21HC223R1H3 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NFM21HC223R1H3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM21HC223R1H3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM21HC223R1H3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM21HC223R1H3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM21HC223R1H3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM21HC223R1H3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM21HC223R1H3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM21HC223R1H3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM21HC223R1H3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
■AEC-Q200 Murata Standard Specification and Test Methods
Mechanical Performance (based on Table 2 for Tantalum & Ceramic Capacitors)
AEC-Q200 Rev.C issued June 17. 2005
Murata Specification / Deviation
No. Stress
Test Method
21 Board Flex
Appendix 2. Note:2mm(min) for all except 3mm
for class 1.
Meet Table B after testing.
Deviation for AEC-Q200;
It shall be soldered on the Glass-epoxy substrate (t =
1mm).
• Deflection : 2mm
• Keeping Time : 30s
22 Terminal Strength
Per AEC-Q200-006
A force of 1.8 kg
for 60 s
The electrode should show no failure after testing.
Deviation for AEC-Q200;
It shall be soldered on the substrate.
• Applying Force : 17.6N
• Applying Time : 60s
23 Beam Load Test
Per AEC-Q200-003
The chip endure 20N.
Deviation for AEC-Q200
Place the capacitor in the beam load fixture
as below figure.
Pressure Jig: R0.5
Speed supplied the Stress Load: 0.5mm/s.
AEC-Q200
Iron Board
45
R230
F
Deflection
45
Product
Pressure jig
0.6
0.8
1.6
1.0
JEMCPS-03093
4


Similar Part No. - NFM21HC223R1H3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM21HC223R1H3 MURATA1-NFM21HC223R1H3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - NFM21HC223R1H3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com