Electronic Components Datasheet Search |
|
C4540H393KDGALTU Datasheet(PDF) 10 Page - Kemet Corporation |
|
C4540H393KDGALTU Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1069_C0G_HV_HT_200C • 3/24/2016 10 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade) Capacitance Cap Code Case Size/ Series C2824H C3040H C3640H C4540H Voltage Code C B D F G C B D F G C B D F G C B D F G Rated Voltage (VDC) Capacitance Tolerance Product Availability and Chip Thickness Codes See Table 2 for Chip Thickness Dimensions 10 - 2,000 pF 100 - 202 J K M 2,200 pF 222 J K M TA TA TA TA TA 2,400 pF 242 J K M 2,700 pF 272 J K M TA TA TA TA TA 3,000 pF 302 J K M 3,300 pF 332 J K M TA TA TA TA TA QB QB QB QB QB 3,600 pF 362 J K M 3,900 pF 392 J K M TA TA TA TA TB QB QB QB QB QB MA MA MA MA MA 4,300 pF 432 J K M 4,700 pF 472 J K M TA TA TA TB TB QB QB QB QB QB MA MA MA MA MA SA SA SA SA SA 5,100 pF 512 J K M 5,600 pF 562 J K M TA TA TA TB TC QB QB QB QB QB MA MA MA MA MA SA SA SA SA SA 6,200 pF 622 J K M 6,800 pF 682 J K M TA TA TA TB QB QB QB QB QC MA MA MA MA MA SA SA SA SA SA 7,500 pF 752 J K M 8,200 pF 822 J K M TA TA TA TC QB QB QB QC QC MA MA MA MA MB SA SA SA SA SA 9,100 pF 912 J K M 10,000 pF 103 J K M TA TA TA QB QB QB QC QD MA MA MA MA MB SA SA SA SA SB 12,000 pF 123 J K M TA TA TA QB QB QB QD MA MA MA MB MB SA SA SA SA SB 15,000 pF 153 J K M TA TA TB QB QB QB QD MA MA MA MB MC SA SA SA SB SB 18,000 pF 183 J K M TA TA TB QB QB QB MA MA MA MC SA SA SA SB SC 22,000 pF 223 J K M TA TB TC QB QB QC MA MA MA SA SA SA SB 27,000 pF 273 J K M TA TB QB QB QC MA MA MA SA SA SA SC 33,000 pF 333 J K M TB TB QB QC QC MA MA MB SA SA SA 39,000 pF 393 J K M TB TC QB QC QD MA MA MB SA SA SB 47,000 pF 473 J K M TB QB QC MA MB MC SA SA SB 56,000 pF 563 J K M TC QC QD MA MB SA SA SB 68,000 pF 683 J K M QC QD MB MC SA SB SC 82,000 pF 823 J K M QC MB SA SB 0.1 µF 104 J K M QD MC SB SC 0.12 µF 124 J K M MC SB 0.15 µF 154 J K M SC Capacitance Cap Code Rated Voltage (VDC) Voltage Code C B D F G C B D F G C B D F G C B D F G Case Size/Series C2824H C3040H C3640H C4540H Table 1C – Capacitance Range/Selection Waterfall (2824 – 4540 Case Sizes) *Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (configuration and dimensions). These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts. |
Similar Part No. - C4540H393KDGALTU |
|
Similar Description - C4540H393KDGALTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |