Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS70328SJ-15IT Datasheet(PDF) 8 Page - GSI Technology

Part # GS70328SJ-15IT
Description  32K x 8 256Kb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS70328SJ-15IT Datasheet(HTML) 8 Page - GSI Technology

Back Button GS70328SJ-15IT Datasheet HTML 3Page - GSI Technology GS70328SJ-15IT Datasheet HTML 4Page - GSI Technology GS70328SJ-15IT Datasheet HTML 5Page - GSI Technology GS70328SJ-15IT Datasheet HTML 6Page - GSI Technology GS70328SJ-15IT Datasheet HTML 7Page - GSI Technology GS70328SJ-15IT Datasheet HTML 8Page - GSI Technology GS70328SJ-15IT Datasheet HTML 9Page - GSI Technology GS70328SJ-15IT Datasheet HTML 10Page - GSI Technology GS70328SJ-15IT Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
GS70328SJ/TS
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.11 11/2004
8/11
© 1999, GSI Technology
28-Pin SOJ, 300 mil
1
e
B1
D
y
Θ
c
L
Detail A
A
B
Notes:
1. Dimension D& E do not include interlead flash
2. Dimension B1 does not include dambar protrusion/intrusion
3. Controlling dimension: inches
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
0.148
3.76
A1
0.025
0.64
A2
0.095 0.100 0.105
2.41
2.54
2.67
B
0.015
0.020
0.38
0.51
B1
0.026 0.028 0.032
0.66
0.71
0.81
c
0.008 0.010 0.012
0.20
0.25
0.30
D
0.705
0.71
0.715 17.91 18.03 18.16
E
0.295 0.300 0.305
7.49
7.62
7.75
e
0.05
1.27
HE
0.330 0.335 0.340
8.38
8.51
8.64
GE
0.255 0.265 0.275
6.48
6.73
6.985
L
0.082
2.08
y
0.004
0.10
Θ
0o
10o
0o
10o


Similar Part No. - GS70328SJ-15IT

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVM GENNUM-GS7032-CVM Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVME3 GENNUM-GS7032-CVME3 Datasheet
184Kb / 9P
   Digital Video Serializer
More results

Similar Description - GS70328SJ-15IT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com