Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO-P-2007 Datasheet(PDF) 10 Page - LEM

Part # HO-P-2007
Description  Current Transducer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO-P-2007 Datasheet(HTML) 10 Page - LEM

Back Button HO-P-2007 Datasheet HTML 6Page - LEM HO-P-2007 Datasheet HTML 7Page - LEM HO-P-2007 Datasheet HTML 8Page - LEM HO-P-2007 Datasheet HTML 9Page - LEM HO-P-2007 Datasheet HTML 10Page - LEM HO-P-2007 Datasheet HTML 11Page - LEM HO-P-2007 Datasheet HTML 12Page - LEM HO-P-2007 Datasheet HTML 13Page - LEM HO-P-2007 Datasheet HTML 14Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Page 10/15
16July2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 60 .. 250-P series
HO-P series, measuring range versus external reference voltage
-400
-300
-200
-100
0
100
200
300
400
0.5
1
1.5
2
2.5
Vref (V)
HO 60-P
Uc = 5 V
Uc = 4.75 V
Uc = 4.6 V
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
0.5
1
1.5
2
2.5
Vref (V)
HO 100-P
Uc = 5 V
Uc = 4.75 V
Uc = 4.6 V
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
0.5
1
1.5
2
2.5
Vref (V)
HO 120-P
Uc = 5 V
Uc = 4.75 V
Uc = 4.6 V
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
0.5
1
1.5
2
2.5
Vref (V)
HO 180-P
Uc = 5 V
Uc = 4.75 V
Uc = 4.6 V
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
0.5
1
1.5
2
2.5
Vref (V)
HO 240-P
Uc = 5 V
Uc = 4.75 V
Uc = 4.6 V
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
0.5
1
1.5
2
2.5
Vref (V)
HO 250-P
Uc = 5 V
Uc = 4.75 V
Uc = 4.6 V


Similar Part No. - HO-P-2007

ManufacturerPart #DatasheetDescription
logo
LEM
HO-P-SP33 LEM-HO-P-SP33 Datasheet
787Kb / 11P
   Current Transducer
More results

Similar Description - HO-P-2007

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com