Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT41316-20PL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GLT41316-20PL
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316-20PL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GLT41316-20PL Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT41316-20PL Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT41316-20PL Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316-20PL Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316-20PL Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316-20PL Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316-20PL Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316-20PL Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT41316-20PL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 6 -
AC Characteristics (0
°°C ≤≤ T
A
≤≤ 70°°C, See note 1,2)
Test condition:VCC=5.0V
±10%, V
IH/VIL=2.4V/0.8V,VOH/VOL=2.4V/0.4V
Parameter
tRAC = 30 ns tRAC = 35 ns tRAC = 40 ns tRAC = 45 ns
Symbo
l
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. Unit Notes
Read/Write Cycle Time
tRC
65
-
70
-
75
-
80
-
ns
Read Midify Write Cycle Time
tRWC
80
-
99
-
105
-
110
-
ns
Access Time from RAS
tRAC
-
30
-
35
-
40
-
45
ns
3,4
Access Time from CAS
tCAC
-
10
-
11
-
12
-
12
ns
3,4
Access Time from Column Address
tAA
-
15
-
18
-
20
-
22
ns
3,4
CAS to Output in Low-Z
tCLZ
0
0
-
0
-
0
-
ns
3
Output Buffer Turn-off Delay from CAS
tOFF
3
8
3
8
3
8
3
8
ns
7
Transition Time(Rise and Fall)
tT
3
50
3
50
3
50
3
50
ns
2
RAS Precharge Time
tRP
25
-
25
-
25
-
25
-
ns
RAS Pulse Width
tRAS
30
100k
35
100k
40
100K
45
100K
ns
RAS Hold Time
tRSH
10
-
12
-
12
-
13
-
ns
CAS Hold Time
tCSH
30
-
36
-
40
-
46
-
ns
CAS Pulse Width
tCAS
10
10000
12
10000
12
10000
13
10000 ns
RAS to CAS Delay Time
tRCD
13
20
17
24
18
28
18
33
ns
4
RAS to Column Address Delay Time
tRAD
10
15
12
17
13
20
13
23
ns
4
CAS to RAS Precharge Time
tCRP
5
-
5
-
5
-
5
-
ns
8
Row Address Setup Time
tASR
0
-
0
-
0
-
0
-
ns
Row Address Hold Time
tRAH
7
-
7
-
8
-
8
-
ns
Column Address Setup Time
tASC
0
-
0
-
0
-
0
-
ns
Column Address Hold Time
tCAH
6
-
6
-
6
-
6
-
ns
Column Address Hold Time Referenced
to RAS
tAR
26
-
30
-
34
-
39
-
ns
Column Address Lead Time Referenced
to RAS
tRAL
15
-
18
-
20
-
23
-
ns
Read Command Setup Time
tRCS
0
-
0
-
0
-
0
-
ns
Read Command Hold Time Referenced
to RAS
tRRH
0
-
0
-
0
-
0
-
ns
9
Read Command Hold Time Referenced
to CAS
tRCH
0
-
0
-
0
-
0
-
ns
9
WE Hold Time Referenced to CAS
tWCH
6
-
6
-
6
-
6
-
ns
10
Write Command Hold Time Referenced
to RAS
tWCR
26
-
30
-
34
-
39
-
ns
5
WE Pulse Width
tWP
6
-
6
-
6
-
6
-
ns
10


Similar Part No. - GLT41316-20PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT41316-20PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com