Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1064111036 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1064111036
Description  QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1064111036 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1064111036 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/03/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1064111036
Status:
Active
Overview:
Active Optical Cable (AOC)
Description:
QSFP+ to QSFP+ Fourteen Data Rate PSM4 Active Optical Cable, 56 Gbps Data Rate,
Cable Length 36.0m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
106411
Boot Type
N/A
Connector to Connector
QSFP+-to-QSFP+
Mode
Singlemode
Overview
Active Optical Cable (AOC)
Product Name
AOC, FDR, QSFP+
UPC
887191057248
Physical
Cable Length
36.0m
Cable Size
9/125µm
Fiber (Core/Cladding)
9/125µm
Net Weight
578.500/g
Single Ended
No
Wire/Cable Type
Bare Ribbon
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-106411-1XXX
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant/Exempted
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
106411 Series
Mates With
75586 iPass™ 38 Circuit Connector . EMI
CagesLink:74750, 74767 , 74768 , 74769 .
EMI Cages and Heat Sinks 74750
This document was generated on 03/03/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1064111036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1064111030 MOLEX11-1064111030 Datasheet
48Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
More results

Similar Description - 1064111036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1064111002 MOLEX11-1064111002 Datasheet
37Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111020 MOLEX11-1064111020 Datasheet
48Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111070 MOLEX11-1064111070 Datasheet
49Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111012 MOLEX11-1064111012 Datasheet
37Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111005 MOLEX11-1064111005 Datasheet
37Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111010 MOLEX11-1064111010 Datasheet
37Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111063 MOLEX11-1064111063 Datasheet
48Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111001 MOLEX11-1064111001 Datasheet
37Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111003 MOLEX11-1064111003 Datasheet
37Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
1064111011 MOLEX11-1064111011 Datasheet
37Kb / 1P
   QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com