Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO-NP-0117 Datasheet(PDF) 9 Page - LEM

Part # HO-NP-0117
Description  Current Transducer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO-NP-0117 Datasheet(HTML) 9 Page - LEM

Back Button HO-NP-0117 Datasheet HTML 4Page - LEM HO-NP-0117 Datasheet HTML 5Page - LEM HO-NP-0117 Datasheet HTML 6Page - LEM HO-NP-0117 Datasheet HTML 7Page - LEM HO-NP-0117 Datasheet HTML 8Page - LEM HO-NP-0117 Datasheet HTML 9Page - LEM HO-NP-0117 Datasheet HTML 10Page - LEM HO-NP-0117 Datasheet HTML 11Page - LEM HO-NP-0117 Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page 9/12
25July2014/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 40 .. 150-NP series
HO-NP series: name and codification
HO family products may be ordered on request 1) with a dedicated setting of the parameters as described below
(standards products are delivered with the setting 0100 according to the table).
HO-NP-XXXX
Standards products are:
- HO 40-NP-0100
- HO 60-NP-0100
- HO 120-NP-0100
- HO 150-NP-0100
HO-NP series: output compatibility with HAIS Series
Reference
I
PN (A)
I
PM (A)
I
PM / IPN
V
out - Vout
@ I
PN (V)
Reference
I
PN (A)
I
PM (A)
I
PM / IPN
V
out - Vout
@ I
PN (V)
HO 40-NP
40
100
2.5
0.8
HO 60-NP
60
150
2.5
0.8
HAIS 50-TP
50
150
3
0.625
HO 120-NP
120
300
2.5
0.8
HAIS 100-TP
100
300
3
0.625
HO 150-NP
150
375
2.5
0.8
The HO-NP gives the same output levels as the HAIS-TP referring to the HAIS nominal currents.
This allows easier replacement of HAIS by HO-NP in existing applications.
Note: 1) For dedicated settings, minimum quantities apply, please contact your local LEM support.
Internal reference
0
2.5 V
1
1.65 V
2
1.5 V
3
0.5 V
4
External V
ref only
Over current detection (× I
PN )
0
2.93
1
3.59
2
3.99
3
4.77
4
5.19
5
5.76
6
1.68
7
2.35
Response time
0
3.5 µs
1
2.5 µs
2
6 µs
EEPROM Control
0
YES
1
NO


Similar Part No. - HO-NP-0117

ManufacturerPart #DatasheetDescription
logo
LEM
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
More results

Similar Description - HO-NP-0117

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com