Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402G225J5RACT1K0 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0402G225J5RACT1K0
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402G225J5RACT1K0 Datasheet(HTML) 4 Page - Kemet Corporation

  C0402G225J5RACT1K0 Datasheet HTML 1Page - Kemet Corporation C0402G225J5RACT1K0 Datasheet HTML 2Page - Kemet Corporation C0402G225J5RACT1K0 Datasheet HTML 3Page - Kemet Corporation C0402G225J5RACT1K0 Datasheet HTML 4Page - Kemet Corporation C0402G225J5RACT1K0 Datasheet HTML 5Page - Kemet Corporation C0402G225J5RACT1K0 Datasheet HTML 6Page - Kemet Corporation C0402G225J5RACT1K0 Datasheet HTML 7Page - Kemet Corporation C0402G225J5RACT1K0 Datasheet HTML 8Page - Kemet Corporation C0402G225J5RACT1K0 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1075_X7R_HT_SMD • 3/30/2015
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade)
Environmental Compliance
Lead (Pb)-Free, RoHS, and REACH compliant without exemptions.
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
Operating Temperature Range
-55°C to +175°C
Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC)
±15% (-55°C to +125°C) beyond 125°C see "Capacitance vs. Temperature
Performance" plot - Reference Only
Aging Rate (Maximum % Capacitance Loss/Decade Hour)
<3.0%
Dielectric Withstanding Voltage (DWV)
250% of rated voltage
(5 ±1 seconds and charge/discharge not exceeding 50 mA)
Dissipation Factor (DF) Maximum Limit at 25ºC
See Dissipation Factor Limit Table
Insulation Resistance (IR) Limit at 25°C
1,000 megohm microfarads or 100 GΩ
(Rated voltage applied for 120 ± 5 secs at 25°C)
Regarding aging rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours.
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Capacitance and dissipation factor (DF) measured under the following conditions:
1 kHz ±50 Hz and 1.0 ±0.2 Vrms if capacitance ≤ 10 µF
Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as
Automatic Level Control (ALC). The ALC feature should be switched to "ON."
Dissipation Factor Limit Table
Rated DC Voltage
Dissipation Factor
16/25
3.5%
>25
2.5%
Post Environmental Limits
High Temperature Life, Biased Humidity, Moisture Resistance
Dielectric
Rated DC
Voltage
Capacitance
Value
Dissipation Factor
(Maximum %)
Capacitance
Shift
Insulation
Resistance
X7R
16/25
All
5.0
± 20%
10% of Initial Limit
>25
3.0


Similar Part No. - C0402G225J5RACT1K0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402 TDK-C0402 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402 TDK-C0402 Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C0402 TDK-C0402 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402 TDK-C0402 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402 TDK-C0402 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C0402G225J5RACT1K0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com