Electronic Components Datasheet Search |
|
C1825X563F2GALTU Datasheet(PDF) 2 Page - Kemet Corporation |
|
C1825X563F2GALTU Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 21 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1062_C0G_FT-CAP_SMD • 5/23/2016 2 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Flexible Termination System (FT-CAP), C0G Dielectric, 10 – 250 VDC (Commercial & Automotive Grade) Packaging C-Spec Ordering Options Table Packaging Type1 Packaging/Grade Ordering Code (C-Spec) Bulk Bag/Unmarked Not required (Blank) 7" Reel/Unmarked TU 13" Reel/Unmarked 7411 (EIA 0603 and smaller case sizes) 7210 (EIA 0805 and larger case sizes) 7" Reel/Unmarked / 2 mm pitch2 7081 13" Reel/Unmarked / 2 mm pitch2 7082 1 Default packaging is “Bulk Bag”. An ordering code C-Spec is not required for “Bulk Bag” packaging. 1 The terms “Marked” and “Unmarked” pertain to laser marking option of capacitors. All packaging options labeled as “Unmarked” will contain capacitors that have not been laser marked. The option to laser mark is not available on these devices. For more information see “Capacitor Marking”. 2 The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”. Benefits • −55°C to +125°C operating temperature range • Superior flex performance (up to 5 mm) • Lead (Pb)-Free, RoHS and REACH compliant • EIA 0603, 0805, 1206, 1210, 1812, 1825, 2220, and 2225 case sizes • DC voltage ratings of 10 V, 16 V, 25 V, 50 V, 100 V, 200 V and 250 V • Capacitance offerings ranging from 0.5 pF up to 0.47 μF • Available capacitance tolerances of ±0.10pF, ±0.25 pF, ±0.5 pF, ±1%, ±2%, ±5%, ±10%, and ±20% • No piezoelectric noise • Extremely low ESR and ESL • High thermal stability • High ripple current capability • Preferred capacitance solution at line frequencies and into the MHz range • No capacitance change with respect to applied rated DC voltage • Negligible capacitance change with respect to temperature from −55°C to +125°C • Non-polar device, minimizing installation concerns • 100% pure matte tin-plated termination finish allowing for excellent solderability • Commercial & Automotive (AEC–Q200) Grades available • SnPb termination finish option available upon request (5% Pb minimum) Applications Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, filtering, transient voltage suppression and blocking, as well as energy storage in critical and safety relevant circuits without (integrated) current limitation, including those subject to high levels of board flexure or temperature cycling. |
Similar Part No. - C1825X563F2GALTU |
|
Similar Description - C1825X563F2GALTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |