Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66297K Datasheet(PDF) 2 Page - TDK Electronics

Part # B66297K
Description  Ferrites and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B66297K Datasheet(HTML) 2 Page - TDK Electronics

  B66297K Datasheet HTML 1Page - TDK Electronics B66297K Datasheet HTML 2Page - TDK Electronics B66297K Datasheet HTML 3Page - TDK Electronics B66297K Datasheet HTML 4Page - TDK Electronics B66297K Datasheet HTML 5Page - TDK Electronics B66297K Datasheet HTML 6Page - TDK Electronics B66297K Datasheet HTML 7Page - TDK Electronics B66297K Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
04/16
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EELP 102
Combination: ELP 102/20/38 with ELP 102/20/38
To IEC 62317-9
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.274 mm–1
le
= 147.6 mm
Ae
= 538 mm2
Amin = 524.5 mm2
Ve
= 79410 mm3
Approx. weight 405 g/set
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
(per piece)
N87
8200 25%
1790
< 11.0 (100 mT, 100 kHz, 100 °C)
B66297G0000X187
N97
8500 25%
1855
< 9.7 (100 mT, 100 kHz, 100 °C)
B66297G0000X197
ELP 102/20/38
B66297
Core (without clamp recess)
ELP 102/20/38


Similar Part No. - B66297K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66291 EPCOS-B66291 Datasheet
73Kb / 2P
   ELP 43/10/28 with I 43/4/28 Core (With Clamp Recess)
B66291-G-X149 EPCOS-B66291-G-X149 Datasheet
73Kb / 2P
   ELP 43/10/28 with I 43/4/28 Core (With Clamp Recess)
B66291-G-X187 EPCOS-B66291-G-X187 Datasheet
73Kb / 2P
   ELP 43/10/28 with I 43/4/28 Core (With Clamp Recess)
B66291-P-X149 EPCOS-B66291-P-X149 Datasheet
73Kb / 2P
   ELP 43/10/28 with I 43/4/28 Core (With Clamp Recess)
B66291-P-X187 EPCOS-B66291-P-X187 Datasheet
73Kb / 2P
   ELP 43/10/28 with I 43/4/28 Core (With Clamp Recess)
More results

Similar Description - B66297K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com