Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66371G0000X127 Datasheet(PDF) 3 Page - TDK Electronics

Part # B66371G0000X127
Description  Ferrites and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B66371G0000X127 Datasheet(HTML) 3 Page - TDK Electronics

  B66371G0000X127 Datasheet HTML 1Page - TDK Electronics B66371G0000X127 Datasheet HTML 2Page - TDK Electronics B66371G0000X127 Datasheet HTML 3Page - TDK Electronics B66371G0000X127 Datasheet HTML 4Page - TDK Electronics B66371G0000X127 Datasheet HTML 5Page - TDK Electronics B66371G0000X127 Datasheet HTML 6Page - TDK Electronics B66371G0000X127 Datasheet HTML 7Page - TDK Electronics B66371G0000X127 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Material:
B66372A: Polyphenylene suplhide, UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code natur
Ryton R-4, E54700 (M), CHEVRON PHILLIPS CHEMICAL CO L P
B66372A: GFR ASA/ PBT, UL 94 HB, insulation class to IEC 60085:
H
max. operating temperature 130 °C), color code black
Ultradur 4090G6 [E41871 (M)], BASF SE
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Sections
AN
mm2
lN
mm
AR value

Pins
Ordering code
1
389
230.5
20
B66372A2000T001
B66372B2000T001
B66372
Accessories
E 70/33/32


Similar Part No. - B66371G0000X127

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66371G0000X127 EPCOS-B66371G0000X127 Datasheet
115Kb / 4P
   Ferrites and accessories
B66371G0000X127 EPCOS-B66371G0000X127 Datasheet
238Kb / 8P
   Ferrites and accessories
B66371G0000X127 EPCOS-B66371G0000X127_13 Datasheet
238Kb / 8P
   Ferrites and accessories
More results

Similar Description - B66371G0000X127

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com