Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS8N60SC-O-F-N-B Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS8N60SC-O-F-N-B
Description  High frequency switching mode power supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS8N60SC-O-F-N-B Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS8N60SC-O-F-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60SC-O-F-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60SC-O-F-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60SC-O-F-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60SC-O-F-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60SC-O-F-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60SC-O-F-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60SC-O-F-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60SC-O-F-N-B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
R
JCS8N60C
版本:201503A
3/14
电特性 ELECTRICAL CHARACTERISTICS
Parameter
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
关态特性 Off
–Characteristics
漏-源击穿电压
Drain-Source Voltage
BVDSS
ID=250μA, VGS=0V
600
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBV
DSS
TJ
ID=250μA,
referenced
to
25℃
-
0.65
-
V/℃
零栅压下漏极漏电流
Zero Gate Voltage Drain Current
IDSS
VDS=600V,VGS=0V,
TC=25℃
-
-
10
μA
VDS=480V,
TC=125℃
-
-
100
μA
正向栅极体漏电流
Gate-body leakage current,
forward
IGSSF
VDS=0V, VGS =30V
-
-
100
nA
反向栅极体漏电流
Gate-body leakage current,
reverse
IGSSR
VDS=0V, VGS =-30V
-
-
-100
nA
通态特性 On-Characteristics
阈值电压
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID=250μA
2.0
-
4.0
V
静态导通电阻
Static Drain-Source
On-Resistance
RDS(ON)
VGS =10V , ID=3.5A
-
1.26 1.6
正向跨导
Forward Transconductance
gfs
VDS = 40V, ID=3.5A(note 4) -
5.6
-
S
动态特性 Dynamic Characteristics
输入电容
Input capacitance
Ciss
VDS=25V,
VGS =0V,
f=1.0MHZ
-
1620 1890 pF
输出电容
Output capacitance
Coss
-
125 170
pF
反向传输电容
Reverse transfer capacitance
Crss
-
14
20
pF


Similar Part No. - JCS8N60SC-O-F-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS8N60S-O-S-N-B JSMC-JCS8N60S-O-S-N-B Datasheet
823Kb / 12P
   N-CHANNEL MOSFET
More results

Similar Description - JCS8N60SC-O-F-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS1N70TC JSMC-JCS1N70TC Datasheet
391Kb / 8P
   High frequency switching mode power supply
JCS13N50CT JSMC-JCS13N50CT Datasheet
753Kb / 8P
   High frequency switching mode power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
   High frequency switching power supply
logo
JILIN SINO-MICROELECTRO...
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
   High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
   High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
   High frequency switching power supply
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
   High frequency switching power supply
3CG3906 JSMC-3CG3906 Datasheet
205Kb / 6P
   High frequency switching power supply
3CG8550 JSMC-3CG8550 Datasheet
224Kb / 5P
   High frequency switching power supply
3CG9012 JSMC-3CG9012 Datasheet
180Kb / 5P
   High frequency switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com